Electronic Components Datasheet Search
  English  ▼

X  

PIC14000-04ISO Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC14000-04ISO
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000-04ISO Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC14000-04ISO Datasheet HTML 17Page - Microchip Technology PIC14000-04ISO Datasheet HTML 18Page - Microchip Technology PIC14000-04ISO Datasheet HTML 19Page - Microchip Technology PIC14000-04ISO Datasheet HTML 20Page - Microchip Technology PIC14000-04ISO Datasheet HTML 21Page - Microchip Technology PIC14000-04ISO Datasheet HTML 22Page - Microchip Technology PIC14000-04ISO Datasheet HTML 23Page - Microchip Technology PIC14000-04ISO Datasheet HTML 24Page - Microchip Technology PIC14000-04ISO Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 21
PIC14000
4.2.2.5
PIR1 REGISTER
This register contains the individual flag bits for the
Peripheral interrupts (Figure 4-7).
Note:
These bits will be set by the specified
condition,
even
if
the
corresponding
Interrupt Enable bit is cleared (interrupt
disabled) or the GIE bit is cleared (all
interrupts disabled). Before enabling an
interrupt, the user may wish to clear the
corresponding interrupt flag, to ensure that
the program does not immediately branch
to the Peripheral Interrupt service routine.
FIGURE 4-7:
PIR1 REGISTER
CMIF
R/W
R
R
R/W
R/W
R/W
R/W
R/W
bit0
bit7
CMIF:
Programmable Reference Comparator Interrupt Flag
1 = The comparator output has tripped. This is a
0 = The interrupt did not occur
Unimplemented. Read as ‘0’
W: Writable
R:
Readable
U:
Unimplemented,
read as ‘0’
Register:
PIR1
Address:
0Ch
POR value: 00h
—
—
PBIF
I2CIF
RCIF
ADCIF
OVFIF
Unimplemented. Read as ‘0’
OVFIF: A/D counter Overflow Interrupt Flag
1 = An A/D counter overflow has occurred.
Must be cleared in software.
0 = An A/D counter overflow has not occurred
ADCIF: A/D Capture Interrupt Flag
1 = An A/D capture has occurred.
Must be cleared in software.
0 = An A/D capture has not occurred
RCIF:
PORTC Interrupt on Change Flag
1 = At least one RC<7:4> input changed.
Must be cleared in software.
0 =None of the RC<7:4> inputs have changed
I2CIF:
I2C
Port Interrupt Flag
1 = A transmission/reception is completed.
Must be cleared in software.
0 =Waiting to transmit/receive
PBIF:
External Pushbutton Interrupt Flag
1 = The external pushbutton interrupt has occurred
0 =The external pushbutton interrupt did not occur
on OSC1/PBTN. Note: This interrupt is not available
in HS mode.
level-sensitive interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com