Electronic Components Datasheet Search
  English  ▼

X  

AM27C512 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM27C512
Description  512 Kilobit (64 K x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C512 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM27C512 Datasheet HTML 4Page - Advanced Micro Devices AM27C512 Datasheet HTML 5Page - Advanced Micro Devices AM27C512 Datasheet HTML 6Page - Advanced Micro Devices AM27C512 Datasheet HTML 7Page - Advanced Micro Devices AM27C512 Datasheet HTML 8Page - Advanced Micro Devices AM27C512 Datasheet HTML 9Page - Advanced Micro Devices AM27C512 Datasheet HTML 10Page - Advanced Micro Devices AM27C512 Datasheet HTML 11Page - Advanced Micro Devices AM27C512 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Am27C512
PHYSICAL DIMENSIONS
PL 032—32-Pin Plastic Leaded Chip Carrier (measured in inches)
l
REVISION SUMMARY FOR AM27C512
Revision I
Global
Changed formatting to match current data sheets.
Product Selector Guide
Added the -55 speed option for VCC = 5.0 V ± 10%.
Ordering Information—UV EPROM Products
Valid Combinations: -55 speed option added. Combi-
nations DI and DIB added for -70 and -90 speed op-
tions.
Ordering Information—OTP EPROM Products
Valid Combinations: Added speed options for -55 with
VCC = 5.0 V ± 5% and -55 with VCC = 5.0 V ± 10%.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Flashrite is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
.050 REF.
.026
.032
TOP VIEW
Pin 1 I.D.
.485
.495
.447
.453
.585
.595
.547
.553
16-038FPO-5
PL 032
DA79
6-28-94 ae
SIDE VIEW
SEATING
PLANE
.125
.140
.009
.015
.080
.095
.042
.056
.013
.021
.400
REF.
.490
.530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com