Electronic Components Datasheet Search
  English  ▼

X  

TC1121EPA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1121EPA
Description  100mA Charge Pump Voltage Converter with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121EPA Datasheet(HTML) 4 Page - Microchip Technology

  TC1121EPA Datasheet HTML 1Page - Microchip Technology TC1121EPA Datasheet HTML 2Page - Microchip Technology TC1121EPA Datasheet HTML 3Page - Microchip Technology TC1121EPA Datasheet HTML 4Page - Microchip Technology TC1121EPA Datasheet HTML 5Page - Microchip Technology TC1121EPA Datasheet HTML 6Page - Microchip Technology TC1121EPA Datasheet HTML 7Page - Microchip Technology TC1121EPA Datasheet HTML 8Page - Microchip Technology TC1121EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1121
DS21358C-page 4
© 2006 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin MSOP,
PDIP, SOIC)
Symbol
Description
1
FC
Frequency control for internal oscillator, FC = open, FOSC = 10 kHz typ; FC = V
+, F
OSC
= 200 kHz typ; FC has no effect when OSC pin is driven externally.
2CAP+
Charge-pump capacitor, positive terminal.
3
GND
Power-supply ground input.
4CAP–
Charge-pump capacitor, negative terminal.
5
OUT
Output, negative voltage.
6
SHDN
Shutdown.
7
OSC
Oscillator control input. An external capacitor can be added to slow the oscillator. Take
care to minimize stray capacitance. An external oscillator also may be connected to
overdrive OSC.
8V+
Power-supply positive voltage input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com