Electronic Components Datasheet Search
  English  ▼

X  

TC4451 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC4451
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4451 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC4451 Datasheet HTML 6Page - Microchip Technology TC4451 Datasheet HTML 7Page - Microchip Technology TC4451 Datasheet HTML 8Page - Microchip Technology TC4451 Datasheet HTML 9Page - Microchip Technology TC4451 Datasheet HTML 10Page - Microchip Technology TC4451 Datasheet HTML 11Page - Microchip Technology TC4451 Datasheet HTML 12Page - Microchip Technology TC4451 Datasheet HTML 13Page - Microchip Technology TC4451 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC4451/TC4452
DS21987A-page 10
© 2006 Microchip Technology Inc.
4.0
APPLICATIONS INFORMATION
FIGURE 4-1:
Switching Time Test Circuits.
Inverting Driver
Non-Inverting Driver
Input
tD1
tF
tR
tD2
Input: 100 kHz,
square wave,
tRISE = tFALL ≤ 10 ns
Output
Input
Output
tD1
tF
tR
tD2
+5V
10%
90%
10%
90%
10%
90%
+18V
0V
90%
10%
10%
10%
90%
+5V
+18V
0V
0V
0V
90%
26
7
5
4
1
8
CL = 15,000 pF
0.1 μF
4.7 μF
Input
VDD = 18V
Output
0.1 μF
TC4451
TC4452
Note: Pinout shown is for the DFN, PDIP and SOIC packages.
VDD VDD
Input
GND
GND
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com