Electronic Components Datasheet Search
  English  ▼

X  

TC4452 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4452
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4452 Datasheet(HTML) 5 Page - Microchip Technology

  TC4452 Datasheet HTML 1Page - Microchip Technology TC4452 Datasheet HTML 2Page - Microchip Technology TC4452 Datasheet HTML 3Page - Microchip Technology TC4452 Datasheet HTML 4Page - Microchip Technology TC4452 Datasheet HTML 5Page - Microchip Technology TC4452 Datasheet HTML 6Page - Microchip Technology TC4452 Datasheet HTML 7Page - Microchip Technology TC4452 Datasheet HTML 8Page - Microchip Technology TC4452 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2006 Microchip Technology Inc.
DS21987A-page 5
TC4451/TC4452
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Fall Time vs. Supply
Voltage.
FIGURE 2-4:
Fall Time vs. Capacitive
Load.
FIGURE 2-5:
Rise and Fall Times vs.
Temperature.
FIGURE 2-6:
Crossover Energy vs.
Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
140
160
180
200
220
4
6
8
10
12
14
16
18
Supply Voltage (V)
47,000 pF
22,000 pF
10,000 pF
0
50
100
150
200
250
300
100
1000
10000
100000
Capacitive Load (pF)
5V
18V
10V
0
20
40
60
80
100
120
140
160
180
200
220
4
6
8
1012
141618
Supply Voltage (V)
47,000 pF
22,000 pF
10,000 pF
0
50
100
150
200
250
300
100
1000
10000
100000
Capacitive Load (pF)
5V
18V
10V
0
10
20
30
40
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
tRISE
tFALL
VDD = 18V
1E-09
1E-08
1E-07
4
6
8
101214
1618
Supply Voltage (V)
10-7
10-8
10-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com