Electronic Components Datasheet Search
  English  ▼

X  

AM27C040-120JC Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM27C040-120JC
Description  4 Megabit (512 K x 8-Bit) CMOS EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040-120JC Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM27C040-120JC Datasheet HTML 5Page - Advanced Micro Devices AM27C040-120JC Datasheet HTML 6Page - Advanced Micro Devices AM27C040-120JC Datasheet HTML 7Page - Advanced Micro Devices AM27C040-120JC Datasheet HTML 8Page - Advanced Micro Devices AM27C040-120JC Datasheet HTML 9Page - Advanced Micro Devices AM27C040-120JC Datasheet HTML 10Page - Advanced Micro Devices AM27C040-120JC Datasheet HTML 11Page - Advanced Micro Devices AM27C040-120JC Datasheet HTML 12Page - Advanced Micro Devices AM27C040-120JC Datasheet HTML 13Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Am27C040
FI NAL
PHYSICAL DIMENSIONS*
CDV032—32-Pin Ceramic DIP, UV Lens (measured in inches)
* For reference only. BSC is an ANSI standard for Basic Space Centering.
REVISION SUMMARY FOR AM27C040
Revision E/1
Product Selector Guide:
Added -90 (90 ns,
±10% V
CC) and deleted -100 speed options.
Ordering Information, UV EPROM Products:
The -90 part number is now listed in the example.
Valid Combinations: Added -90 and deleted -100 speed options in valid combinations.
Ordering Information, OTP EPROM Products:
The -90 part number is now listed in the example.
Valid Combinations: Added -90 and deleted -100 speed options in valid combinations.
Programming the Am27C040:
The fourth paragraph should read, “Please refer to Section 5 for programming…”.
TOP VIEW
SIDE VIEW
END VIEW
INDEX AND
TERMINAL NO. 1
I.D. AREA
.565
.605
1.635
1.680
.005 MIN
.045
.065
.014
.026
.100 BSC
.015
.060
.160
.220
.125
.200
BASE PLANE
SEATING PLANE
.300 BSC
.600
BSC
.008
.018
94
°
105
°
.700
MAX
16-000038H-3
CDV032
DF11
3-30-95 ae
DATUM D
CENTER PLANE
DATUM D
CENTER PLANE
1
UV Lens



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com