Electronic Components Datasheet Search
  English  ▼

X  

TC7107ACKW Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7107ACKW
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107ACKW Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7107ACKW Datasheet HTML 4Page - Microchip Technology TC7107ACKW Datasheet HTML 5Page - Microchip Technology TC7107ACKW Datasheet HTML 6Page - Microchip Technology TC7107ACKW Datasheet HTML 7Page - Microchip Technology TC7107ACKW Datasheet HTML 8Page - Microchip Technology TC7107ACKW Datasheet HTML 9Page - Microchip Technology TC7107ACKW Datasheet HTML 10Page - Microchip Technology TC7107ACKW Datasheet HTML 11Page - Microchip Technology TC7107ACKW Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 8
© 2008 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
(All Pin designations refer to 40-Pin PDIP.)
3.1
Dual Slope Conversion Principles
The TC7106A and TC7107A are dual slope, integrating
Analog-to-Digital Converters. An understanding of the
dual slope conversion technique will aid in following the
detailed operation theory.
The conventional dual slope converter measurement
cycle has two distinct phases:
• Input Signal Integration
• Reference Voltage Integration (De-integration)
The input signal being converted is integrated for a
fixed time period (TSI). Time is measured by counting
clock pulses. An opposite polarity constant reference
voltage is then integrated until the integrator output
voltage returns to zero. The reference integration time
is directly proportional to the input signal (TRI). See
Figure 3-1.
FIGURE 3-1:
Basic Dual Slope Converter.
In a simple dual slope converter, a complete
conversion requires the integrator output to “ramp-up”
and “ramp-down.” A simple mathematical equation
relates the input signal, reference voltage and
integration time.
EQUATION 3-1:
For a constant VIN:
EQUATION 3-2:
The dual slope converter accuracy is unrelated to the
integrating resistor and capacitor values as long as
they are stable during a measurement cycle. An
inherent benefit is noise immunity. Noise spikes are
integrated or averaged to zero during the integration
periods. Integrating ADCs are immune to the large
conversion
errors
that
plague
successive
approximation converters in high noise environments.
Interfering signals with frequency components at
multiples of the averaging period will be attenuated.
Integrating ADCs commonly operate with the signal
integration period set to a multiple of the 50/60Hz
power line period (see Figure 3-2).
FIGURE 3-2:
Normal Mode Rejection of
Dual Slope Converter.
+
–
REF
Voltage
Analog
Input
Signal
+
–
DISPLAY
Switch
Driver
Control
Logic
Counter
Polarity Control
Phase
Control
VIN µ VREF
VIN µ1/2 VREF
Variable
Reference
Integrate
Time
Fixed
Signal
Integrate
Time
Integrator
C
Comparator
+/–
Where:
VR
=
Reference voltage
TSI
=
Signal integration time (fixed)
TRI
=
Reference voltage integration time
(variable).
1
RC
--------
V
IN
0
T
SI
∫
t
()dt
V
RTRI
RC
---------------
=
VIN = VR
TRI
TSI
30
20
10
0
0.1/T
1/T
10/T
Input Frequency
T = Measured Period
Where:
FOSC
=
Clock Frequency at Pin 38
VFS
=
Full Scale Input Voltage
RINT
=
Integrating Resistor
VINT
=
Desired Full Scale Integrator Output
Swing
C
INT
4000
()
1
F
OSC
-------------
⎝⎠
⎛⎞ VFS
R
INT
-----------
⎝⎠
⎛⎞
V
INT
------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com