Electronic Components Datasheet Search
  English  ▼

X  

AM27X040 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM27X040
Description  4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X040 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM27X040 Datasheet HTML 2Page - Advanced Micro Devices AM27X040 Datasheet HTML 3Page - Advanced Micro Devices AM27X040 Datasheet HTML 4Page - Advanced Micro Devices AM27X040 Datasheet HTML 5Page - Advanced Micro Devices AM27X040 Datasheet HTML 6Page - Advanced Micro Devices AM27X040 Datasheet HTML 7Page - Advanced Micro Devices AM27X040 Datasheet HTML 8Page - Advanced Micro Devices AM27X040 Datasheet HTML 9Page - Advanced Micro Devices AM27X040 Datasheet HTML 10Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Am27X040
DC CHARACTERISTICS over operating range (unless otherwise specified)
Caution: The device must not be removed from (or inserted into) a socket when VCC or VPP is applied.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP..
2. ICC1 is tested with OE# = VIH to simulate open outputs.
3. Minimum DC Input Voltage is –0.5 V. During transitions, the inputs may overshoot to –2.0 V for periods less than 20 ns.
Maximum DC Voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods less than 20 ns.
Figure 1.
Typical Supply Current vs. Frequency
VCC = 5.5 V, T = 25°C
Figure 2.
Typical Supply Current vs. Temperature
VCC = 5.5 V, f = 10 MHz
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = –400 µA
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
0.45
V
VIH
Input HIGH Voltage
2.0
VCC + 0.5
V
VIL
Input LOW Voltage
–0.5
+0.8
V
ILI
Input Load Current
VIN = 0 V to VCC
1.0
µA
ILO
Output Leakage Current
VOUT = 0 V to VCC
5.0
µA
ICC1
VCC Active Current (Note 2)
CE# = VIL, f = 10 MHz,
IOUT = 0 mA
40
mA
ICC2
VCC TTL Standby Current
CE# = VIH
1.0
mA
ICC3
VCC CMOS Standby Current
CE# = VCC ± 0.3 V
100
µA
15654D-5
12
3
4
5
6
789
10
25
20
15
10
5
Frequency in MHz
15654D-6
–75 –50 –55
0
25
50
75 100 125 150
25
20
15
10
5
Temperature in
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com