Electronic Components Datasheet Search
  English  ▼

X  

OP280KT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OP280KT
Description  PLCC-2 Pkg Infrared Light Emitting Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OP280KT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OP280KT Datasheet HTML 1Page - List of Unclassifed Manufacturers OP280KT Datasheet HTML 2Page - List of Unclassifed Manufacturers OP280KT Datasheet HTML 3Page - List of Unclassifed Manufacturers OP280KT Datasheet HTML 4Page - List of Unclassifed Manufacturers OP280KT Datasheet HTML 5Page - List of Unclassifed Manufacturers OP280KT Datasheet HTML 6Page - List of Unclassifed Manufacturers OP280KT Datasheet HTML 7Page - List of Unclassifed Manufacturers OP280KT Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
07/2012
Page 3 of 8
PLCC-2 Pkg Infrared Light Emitting Diode
OP180 & OP280 Series
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10203040
50
60708090
100
Forward Current IF (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Normalized at 50 mA and 20° C
Forward Voltage vs Forward Current vs Temperature
1
1.1
1.2
1.3
1.4
1.5
1.6
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
-40°C
-20°C
0°C
+20°C
+40°C
+60°C
+80°C
+100°C
OP280



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com