Electronic Components Datasheet Search
  English  ▼

X  

DAC8408 Datasheet(PDF) 11 Page - Analog Devices

Part # DAC8408
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408 Datasheet(HTML) 11 Page - Analog Devices

Back Button DAC8408 Datasheet HTML 7Page - Analog Devices DAC8408 Datasheet HTML 8Page - Analog Devices DAC8408 Datasheet HTML 9Page - Analog Devices DAC8408 Datasheet HTML 10Page - Analog Devices DAC8408 Datasheet HTML 11Page - Analog Devices DAC8408 Datasheet HTML 12Page - Analog Devices DAC8408 Datasheet HTML 13Page - Analog Devices DAC8408 Datasheet HTML 14Page - Analog Devices DAC8408 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DAC8408
–11–
REV. A
Figure 7. Quad DAC Bipolar Operation (4-Quadrant Multiplication)
Table II. Bipolar (Offset Binary) Code Table
(Refer to Figure 7)
DAC Data Input
Analog Output
MSB
LSB
(DAC A OR DAC B)
1 1 1 1 1 1 1 1
+VREF
127
128
1 0 0 0 0 0 0 1
+VREF
1
128
1 0 0 0 0 0 0 0
0
0 1 1 1 1 1 1 1
–VREF
1
128
0 0 0 0 0 0 0 1
–VREF
127
128
0 0 0 0 0 0 0 0
–VREF
128
128
NOTE
1 LSB = (2
–7) (V
REF) =
1
128
(VREF)
APPLICATION HINTS
General Ground Management: AC or transient voltages be-
tween AGND and DGND can appear as noise at the DAC8408’s
analog output. Note that in Figures 5 and 6, IOUT2A/IOUT2B and
IOUT 2C/IOUT 2D are connected to AGND. Therefore, it is rec-
ommended that AGND and DGND be tied together at the
DAC8408 socket. In systems where AGND and DGND are tied
together on the backplane, two diodes (1N914 or equivalent)
should be connected in inverse parallel between AGND and
DGND.
Write Enable Timing: During the period when both DS and
R/W are held low, the DAC latches are transparent and the ana-
log output responds directly to the digital data input. To pre-
vent unwanted variations of the analog output, the R/W should
not go low until the data bus is fully settled (DATA VALID).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com