| Electronic Components Datasheet Search |
|
DAC8408FP Datasheet(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8408FP Datasheet(HTML) 4 Page - Analog Devices |
|
4 / 16 page ![]() DAC8408 –4– REV. A Burn-in Circuit WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the DAC8408 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. DICE CHARACTERISTICS DIE SIZE 0.130 × 0.124 inch, 16,120 sq. mils (3.30 × 3.15 mm, 10.4 sq. mm) 1. VDD 15. DB6 2. VREFA 16. DB7 (MSB) 3. RFBA 17. A/B 4. IOUT 1A 18. R/W 5. IOUT 2A/IOUT 2B 19. DS1 6. IOUT 1B 20. DS2 7. RFBB 21. VREFD 8. VREFB 22. RFBD 9. DB0 (LSB) 23. IOUT 1D 10. DB1 24. IOUT 2C/IOUT 2D 11. DB2 25. IOUT 1C 12. DB3 26. RFBC 13. DB4 27. VREFC 14. DB5 28. DGND |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |