Electronic Components Datasheet Search
  English  ▼

X  

AD590 Datasheet(PDF) 3 Page - Analog Devices

Part # AD590
Description  2-Terminal IC Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590 Datasheet(HTML) 3 Page - Analog Devices

  AD590 Datasheet HTML 1Page - Analog Devices AD590 Datasheet HTML 2Page - Analog Devices AD590 Datasheet HTML 3Page - Analog Devices AD590 Datasheet HTML 4Page - Analog Devices AD590 Datasheet HTML 5Page - Analog Devices AD590 Datasheet HTML 6Page - Analog Devices AD590 Datasheet HTML 7Page - Analog Devices AD590 Datasheet HTML 8Page - Analog Devices AD590 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 3 of 16
SPECIFICATIONS
AD590J AND AD590K SPECIFICATIONS
25°C and VS = 5 V, unless otherwise noted.1
Table 1.
AD590J2
AD590K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
OperatingVoltage Range
4
30
4
30
V
OUTPUT
Nominal Current Output @ 25°C (298.2 K)
298.2
298.2
µA
Nominal Temperature Coefficient
1
1
µA/K
CalibrationError @ 25°C
±5.0
±2.5
°C
Absolute Error (Over Rated Performance Temperature Range)
Without External CalibrationAdjustment
±10
±5.5
°C
With25°C CalibrationError Set to Zero
±3.0
±2.0
°C
Nonlinearity
For TO-52 and FLATPACK Packages
±1.5
±0.8
°C
For 8-Lead SOIC Package
±1.5
±1.0
°C
For 4-Lead LFCSP Package
±1.5
°C
Repeatability3
±0.1
±0.1
°C
Long-Term Drift4
±0.1
±0.1
°C
Current Noise
40
40
pA/√Hz
Power Supply Rejection
4 V ≤ VS ≤ 5 V
0.5
0.5
µA/V
5 V ≤ VS ≤ 15 V
0.2
0.2
µV/V
15 V ≤ VS ≤ 30 V
0.1
0.1
µA/V
Case Isolation to Either Lead
1010
1010
Ω
Effective Shunt Capacitance
100
100
pF
Electrical Turn-On Time
20
20
µs
Reverse Bias Leakage Current (Reverse Voltage = 10 V)5
10
10
pA
1
Specifications shown in boldface are tested on all production units at final electrical test. Results fromthose tests are used to calculate outgoing quality levels. All
minimum and maximum specifications are guaranteed,although only those shown in boldfaceare tested on all production units.
2
The LFCSP package has a reduced operating temperature range of −40°Cto +125°C.
3
Maximum deviation between +25°Creadings after temperature cycling between −55°Cand +150°C; guaranteed, not tested.
4
Conditions: constant 5 V, constant 125°C;guaranteed,not tested.
5
Leakage current doubles every 10°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com