Electronic Components Datasheet Search
  English  ▼

X  

AD7811 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7811
Description  2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7811 Datasheet(HTML) 2 Page - Analog Devices

  AD7811 Datasheet HTML 1Page - Analog Devices AD7811 Datasheet HTML 2Page - Analog Devices AD7811 Datasheet HTML 3Page - Analog Devices AD7811 Datasheet HTML 4Page - Analog Devices AD7811 Datasheet HTML 5Page - Analog Devices AD7811 Datasheet HTML 6Page - Analog Devices AD7811 Datasheet HTML 7Page - Analog Devices AD7811 Datasheet HTML 8Page - Analog Devices AD7811 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
–2–
REV. B
AD7811/AD7812–SPECIFICATIONS
Parameter
Y Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 30 kHz Any Channel, fSAMPLE = 350 kHz
Signal to (Noise + Distortion) Ratio
1
58
dB min
VREF Internal or External
Total Harmonic Distortion (THD)
1
–66
dB max
Peak Harmonic or Spurious Noise
1
–80
dB typ
Intermodulation Distortion
1, 2
fa = 29 kHz, fb = 30 kHz
Second Order Terms
–67
dB max
Third Order Terms
–67
dB max
Channel-to-Channel Isolation
1, 2
–80
dB typ
fIN = 20 kHz
DC ACCURACY
Any Channel
Resolution
10
Bits
Minimum Resolution for Which
No Missing Codes are Guaranteed
10
Bits
Relative Accuracy
1
±1
LSB max
Differential Nonlinearity
1
±1
LSB max
Gain Error
1
±2
LSB max
Gain Error Match
1
±0.75
LSB max
Offset Error
1
±2
LSB max
Offset Error Match
1
±0.75
LSB max
ANALOG INPUT
Input Voltage Range
0
V min
VREF
V max
Input Leakage Current2
±1
µA max
Input Capacitance
2
20
pF max
REFERENCE INPUTS
2
VREF Input Voltage Range
1.2
V min
VDD
V max
Input Leakage Current
±3
µA max
Input Capacitance
20
pF max
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error
±2.5
% max
Temperature Coefficient
50
ppm/
°C typ
LOGIC INPUTS
2
VINH, Input High Voltage
2.4
V min
VDD = 5 V
± 10%
VINL, Input Low Voltage
0.8
V max
VDD = 5 V
± 10%
VINH, Input High Voltage
2
V min
VDD = 3 V
± 10%
VINL, Input Low Voltage
0.4
V max
VDD = 3 V
± 10%
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
8
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
ISOURCE = 200
µA
4V min
VDD = 5 V
± 10%
2.4
V min
VDD = 3 V
± 10%
Output Low Voltage, VOL
ISINK = 200
µA
0.4
V max
High Impedance Leakage Current
±1
µA max
High Impedance Capacitance
15
pF max
CONVERSION RATE
Conversion time
2.3
µs max
Track/Hold Acquisition Time
1
200
ns max
(VDD = 2.7 V to 3.6 V, VDD = 5 V
10%, GND = 0 V, VREF = VDD
[EXT]. All specifications –40 C to +105 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com