Electronic Components Datasheet Search
  English  ▼

X  

AD7865 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7865
Description  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7865 Datasheet(HTML) 4 Page - Analog Devices

  AD7865 Datasheet HTML 1Page - Analog Devices AD7865 Datasheet HTML 2Page - Analog Devices AD7865 Datasheet HTML 3Page - Analog Devices AD7865 Datasheet HTML 4Page - Analog Devices AD7865 Datasheet HTML 5Page - Analog Devices AD7865 Datasheet HTML 6Page - Analog Devices AD7865 Datasheet HTML 7Page - Analog Devices AD7865 Datasheet HTML 8Page - Analog Devices AD7865 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
REV. B
AD7865
–4–
TIMING CHARACTERISTICS1, 2
Parameter
A, B, Y Versions
Unit
Test Conditions/Comments
tCONV
2.4
µs max
Conversion Time, Internal Clock
3.2
µs max
Conversion Time, External Clock (5 MHz)
tACQ
0.35
µs max
Acquisition Time
tBUSY
No. of Channels
Selected Number of Channels Multiplied by tCONV
× (tCONV)
µs max
tWAKE-UP—External VREF
3
1
µs max
STBY Rising Edge to CONVST Rising Edge
t1
35
ns min
CONVST Pulsewidth
t2
70
ns min
CONVST Rising Edge to BUSY Rising Edge
Read Operation
t3
0
ns min
CS to RD Setup Time
t4
0
ns min
CS to RD Hold Time
t5
35
ns min
Read Pulsewidth
t6
4
35
ns max
Data Access Time after Falling Edge of
RD, V
DRIVE = 5 V
40
ns max
Data Access Time after Falling Edge of
RD, V
DRIVE = 3 V
t7
5
5
ns min
Bus Relinquish Time after Rising Edge of
RD
30
ns max
t8
15
ns min
Time Between Consecutive Reads
t9
120
ns min
EOC Pulsewidth
180
ns max
t10
70
ns max
RD Rising Edge to FRSTDATA Edge (Rising or Falling)
t11
15
ns max
EOC Falling Edge to FRSTDATA Falling Delay
t12
0
ns min
EOC to RD Delay
Write Operation
t13
20
ns min
WR Pulsewidth
t14
0
ns min
CS to WR Setup Time
t15
0
ns min
WR to CS Hold Time
t16
5
ns min
Input Data Setup Time of Rising Edge of
WR
t17
5
ns min
Input Data Hold Time
External Clock
t18
200
ns min
CONVST Falling Edge to CLK Rising Edge
NOTES
1Sample tested at 25
°C to ensure compliance. All input signals are measured with tr = tf = 1 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 6, 7 and 8.
3Refer to the Standby Mode Operation section. The MAX specification of 1
µs is valid when using a 0.1 µF decoupling capacitor on the V
REF pin.
4Measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.4 V.
5These times are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
Specifications subject to change without notice.
1.6mA
50pF
TO OUTPUT
PIN
1.6V
400 A
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
(VDD = 5 V
5%, AGND = DGND = 0 V, VREF = Internal, Clock = Internal; all specifications
TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com