Electronic Components Datasheet Search
  English  ▼

X  

AD8048 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8048
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8048 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8048 Datasheet HTML 5Page - Analog Devices AD8048 Datasheet HTML 6Page - Analog Devices AD8048 Datasheet HTML 7Page - Analog Devices AD8048 Datasheet HTML 8Page - Analog Devices AD8048 Datasheet HTML 9Page - Analog Devices AD8048 Datasheet HTML 10Page - Analog Devices AD8048 Datasheet HTML 11Page - Analog Devices AD8048 Datasheet HTML 12Page - Analog Devices AD8048 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REV. A
–8–
AD8047/AD8048
7
–3
10M
1G
100M
1M
5
1
3
–1
6
4
0
2
–2
FREQUENCY (Hz)
R
L = 100
R
F = RIN = 200
V
OUT = 300mV p-p
TPC 25. AD8048 Small Signal Frequency Response,
G = +2
6.5
5.5
10M
1G
100M
1M
6.3
5.9
6.1
5.7
6.4
6.2
5.8
6.0
5.6
FREQUENCY (Hz)
R
L = 100
R
F = RIN = 200
V
OUT = 300mV p-p
TPC 26. AD8048 0.1 dB Flatness, G = +2
70
–20
10k
100k
1G
100M
10M
1M
FREQUENCY (Hz)
60
20
30
40
50
–10
0
10
–40
–120
–20
0
20
–100
–80
–60
R
L = 100
PHASE
1k
40
60
80
100
80
90
TPC 27. AD8048 Open-Loop Gain and Phase Margin
vs. Frequency
–3
10M
1G
100M
1M
5
1
3
–1
6
4
0
2
–2
7
FREQUENCY (Hz)
R
L = 100
R
F = RIN = 200
V
OUT = 2V p-p
TPC 28. AD8048 Large Signal Frequency Response,
G = +2
–9
10M
1G
100M
1M
–1
–5
–3
–7
0
–2
–6
–4
–8
1
FREQUENCY (Hz)
R
L = 100
R
F = RIN = 200
V
OUT = 300mV p-p
TPC 29. AD8048 Small Signal Frequency Response,
G = –1
–90
–110
–70
–50
–30
100M
1M
100k
10k
–40
–20
–60
–80
–100
–120
10M
SECOND HARMONIC
THIRD HARMONIC
FREQUENCY (Hz)
R
L = 1k
V
OUT = 2V p-p
TPC 30. AD8048 Harmonic Distortion vs. Frequency,
G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com