Electronic Components Datasheet Search
  English  ▼

X  

AD8111 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8111
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8111 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8111 Datasheet HTML 7Page - Analog Devices AD8111 Datasheet HTML 8Page - Analog Devices AD8111 Datasheet HTML 9Page - Analog Devices AD8111 Datasheet HTML 10Page - Analog Devices AD8111 Datasheet HTML 11Page - Analog Devices AD8111 Datasheet HTML 12Page - Analog Devices AD8111 Datasheet HTML 13Page - Analog Devices AD8111 Datasheet HTML 14Page - Analog Devices AD8111 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
REV. A
AD8110/AD8111
–10–
FREQUENCY – Hz
–2
1
0
–1
–3
100k
1M
1G
10M
100M
0.4
0.2
0
–0.2
–0.4
2
3
0.6
GAIN
FLATNESS
–0.6
0.8
200mV p-p
2V p-p
–0.8
4
5
TPC 7. AD8111 Frequency Response
FREQUENCY – MHz
–20
–30
–90
0.3
1
200
10
100
–40
–50
–60
–70
–80
–100
–110
RL = 1k
ADJACENT
ALL HOSTILE
TPC 8. AD8111 Crosstalk vs. Frequency
FREQUENCY
Hz
30
40
100
100k
1M
100M
10M
50
60
70
80
90
2ND HARMONIC
3RD HARMONIC
RL = 150
VOUT = 2V p-p
TPC 9. AD8111 Distortion vs. Frequency
50
25
0
25
50
25ns/DIV
TPC 10. AD8111 Step Response, 100 mV Step
1
0.5
0
0.5
1
25ns/DIV
TPC 11. AD8111 Step Response, 2 V Step
2V STEP RTO
RL = 150
0
10
2030
40
50607080
10ns/DIV
TPC 12. AD8111 Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com