Electronic Components Datasheet Search
  English  ▼

X  

AD8110AST Datasheet(PDF) 25 Page - Analog Devices

Part # AD8110AST
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110AST Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8110AST Datasheet HTML 21Page - Analog Devices AD8110AST Datasheet HTML 22Page - Analog Devices AD8110AST Datasheet HTML 23Page - Analog Devices AD8110AST Datasheet HTML 24Page - Analog Devices AD8110AST Datasheet HTML 25Page - Analog Devices AD8110AST Datasheet HTML 26Page - Analog Devices AD8110AST Datasheet HTML 27Page - Analog Devices AD8110AST Datasheet HTML 28Page - Analog Devices AD8110AST Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
REV. A
AD8110/AD8111
–24–
The three power supply pins AVCC, DVCC, and AVEE should
be connected to good quality, low noise,
±5 V supplies. Where
the same
±5 V power supplies are used for analog and digital,
separate cables should be run for the power supply to the evalu-
ation board’s analog and digital power supply pins.
As a general rule, each power supply pin (or group of adjacent
power supply pins) should be locally decoupled with a 0.01
µF
capacitor. If there is a space constraint, it is more important to
decouple analog power supply pins before digital power supply
pins. A 0.1
µF capacitor, located reasonably close to the pins,
can be used to decouple a number of power supply pins. Finally
a 10
µF capacitor should be used to decouple power supplies as
they come on to the board.
Controlling the Evaluation Board from a PC
The evaluation board includes Windows-based control software
and a custom cable that connects the board’s digital interface to
the printer port of the PC. The wiring of this cable is shown in
Figure 15. The software requires Windows 3.1 or later to oper-
ate. To install the software, insert the disk labeled “Disk #1 of
2'' in the PC and run the file called SETUP.EXE. Additional
installation instructions will be given on-screen. Before begin-
ning installation, it is important to terminate any other Windows
applications that are running.
When you launch the crosspoint control software, you will be
asked to select the printer port you are using. Most modern PCs
have only one printer port, usually called LPT1. However some
laptop computers use the PRN port.
RESET
CLK
DATA IN
DGND
CE
UPDATE
MOLEX 0.100" CENTER
CRIMP TERMINAL HOUSING
1
6
D-SUB 25 PIN (MALE)
14 1
25
13
EVALUATION BOARD
PC
2
3
4
5
6
25
3
1
4
5
2
6
SIGNAL
CE
RESET
UPDATE
DATA IN
CLK
DGND
MOLEX
TERMINAL HOUSING
D-SUB-25
Figure 15. Evaluation Board-PC Connection Cable
Figure 14. Board Layout (Bottom Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com