Electronic Components Datasheet Search
  English  ▼

X  

AD8557 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8557
Description  Digitally Programmable Sensor Signal Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8557 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8557 Datasheet HTML 9Page - Analog Devices AD8557 Datasheet HTML 10Page - Analog Devices AD8557 Datasheet HTML 11Page - Analog Devices AD8557 Datasheet HTML 12Page - Analog Devices AD8557 Datasheet HTML 13Page - Analog Devices AD8557 Datasheet HTML 14Page - Analog Devices AD8557 Datasheet HTML 15Page - Analog Devices AD8557 Datasheet HTML 16Page - Analog Devices AD8557 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8557
Rev. C | Page 13 of 24
CH1 50.0mV
CH2 2.00V
M 1.00µs
A CH1
57.0mV
1
2
VSY = ±2.5V
GAIN = +28
TA = 25°C
Figure 40. Positive Overload Recovery
CH1 10.0mV
CH2 2.00V
M 10.0µs
A CH1
–5.80mV
1
2
VSY = ±2.5V
GAIN = +28
TA = 25°C
Figure 41. Negative Overload Recovery
CH1 10.0mV
CH2 2.00V
M 10.0µs
T 10.00%
A CH1
10.8mV
1
2
VSY = ±2.5V
GAIN = +1300
TA = 25°C
Figure 42. Negative Overload Recovery (Gain = 1300)
CH1 50.0mV
CH2 2.00V
M 1.00µs
T 4.00µs
A CH1
–21.0mV
1
2
VSY = ±2.5V
GAIN = +1300
TA = 25°C
Figure 43. Positive Overload Recovery (Gain = 1300)
10
0.01
0.02
0.05
20
20k
FREQUENCY (Hz)
100
200
500
50
1k
2k
5k
10k
0.1
0.2
0.5
1
2
5
Figure 44. THD + N vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com