Electronic Components Datasheet Search
  English  ▼

X  

AM28F512A Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM28F512A
Description  512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F512A Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM28F512A Datasheet HTML 26Page - Advanced Micro Devices AM28F512A Datasheet HTML 27Page - Advanced Micro Devices AM28F512A Datasheet HTML 28Page - Advanced Micro Devices AM28F512A Datasheet HTML 29Page - Advanced Micro Devices AM28F512A Datasheet HTML 30Page - Advanced Micro Devices AM28F512A Datasheet HTML 31Page - Advanced Micro Devices AM28F512A Datasheet HTML 32Page - Advanced Micro Devices AM28F512A Datasheet HTML 33Page - Advanced Micro Devices AM28F512A Datasheet HTML 34Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
Am28F512A
34
PHYSICAL DIMENSIONS
TSR032—32-Pin Reversed Thin Small Outline Package (measured in millimeters)
DATA SHEET REVISION SUMMARY FOR AM28F512A
Revision C
Deleted -75, -95, and -250 speed options. Matched for-
matting to other current data sheets.
Revision C+1
Programming In A PROM Programmer
Deleted the paragraph “(Refer to the AUTO SELECT
paragraph in the ERASE, PROGRAM, and READ
MODE section for programming the Flash memory de-
vice in-system).”
Revision C+2
Product Selector Guide
Corrected maximum access time for -200 to 200 ns.
Connection Diagrams
On standard TSOP, corrected pin 9 to VPP and pin 10
to NC. On reverse TSOP, corrected pin 23 to NC and
pin 24 to VPP.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
1
18.30
18.50
19.80
20.20
7.90
8.10
0.50 BSC
0.05
0.15
0.95
1.05
16-038-TSOP-2
TSR032
DA95
3-25-97 lv
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0
°
5
°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com