Electronic Components Datasheet Search
  English  ▼

X  

AD8802 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8802
Description  12 Channel, 8-Bit TrimDACs with Power Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8802 Datasheet(HTML) 4 Page - Analog Devices

  AD8802 Datasheet HTML 1Page - Analog Devices AD8802 Datasheet HTML 2Page - Analog Devices AD8802 Datasheet HTML 3Page - Analog Devices AD8802 Datasheet HTML 4Page - Analog Devices AD8802 Datasheet HTML 5Page - Analog Devices AD8802 Datasheet HTML 6Page - Analog Devices AD8802 Datasheet HTML 7Page - Analog Devices AD8802 Datasheet HTML 8Page - Analog Devices AD8802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8802/AD8804–Typical Performance Characteristics
REV. 0
–4–
CODE – Decimal
1
–1
0.75
0
–0.25
–0.5
–0.75
0.5
0.25
0
256
32
64
96
128
160
192
224
VDD = +5V
VREFH = +5V
VREFL = 0V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 1. INL vs. Code
CODE – Decimal
1
–1
0.75
0
–0.25
–0.5
–0.75
0.5
0.25
0
256
32
64
96
128
160
192
224
TA = +85°C
TA = +25°C
TA = –40°C
VDD = +5V
VREFH = +5V
VREFL = 0V
Figure 2. Differential Nonlinearity Error vs. Code
ABSOLUTE VALUE TOTAL UNADJUSTED ERROR – LSB
1600
320
960
640
1280
0
0
0.2
0.4
0.6
0.8
1.0
VDD = +4.5V
VREF = +4.5V
VREFL = 0V
TA = +25°C
SS = 3600 PCS
Figure 3. Total Unadjusted Error Histogram
CODE – Decimal
160
0
80
40
120
140
100
60
20
0
256
32
64
96
128
160
192
224
VDD = +5V
VREFH = +2V
VREFL = 0V
ONE DAC CHANGING WITH CODE,
OTHER DACs SET TO 00H
TA = +25°C
Figure 4. Input Reference Current vs. Code
10k
1k
0
100
10
–35
25
5
–15
–55
65
125
105
85
45
TEMPERATURE –
°C
VDD = +5.5V
VREF = +5.5V
VDD = +2.7V
VREF = +2.7V
Figure 5. Shutdown Current vs. Temperature
TEMPERATURE –
°C
100k
0.001
10k
10
1
0.1
0.01
1k
100
–55
125
–35
–15
5
25
45
65
85
105
VDD = +5.5V
VIN = +5.5V
VDD = +5.5V
VIN = +2.4V
Figure 6. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com