Electronic Components Datasheet Search
  English  ▼

X  

AD9058 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9058
Description  Dual 8-Bit 50 MSPS A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9058 Datasheet(HTML) 3 Page - Analog Devices

  AD9058 Datasheet HTML 1Page - Analog Devices AD9058 Datasheet HTML 2Page - Analog Devices AD9058 Datasheet HTML 3Page - Analog Devices AD9058 Datasheet HTML 4Page - Analog Devices AD9058 Datasheet HTML 5Page - Analog Devices AD9058 Datasheet HTML 6Page - Analog Devices AD9058 Datasheet HTML 7Page - Analog Devices AD9058 Datasheet HTML 8Page - Analog Devices AD9058 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REV.
–3–
AD9058
Test
AD9058AJD/AJJ
AD9058AKD/AKJ
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Transient Response
25
°CV
2
2
ns
Overvoltage Recovery Time
25
°CV
2
2
ns
Effective Number of Bits (ENOB)
3
Analog Input @ 2.3 MHz
25
°C
I
7.7
7.2
7.7
Bits
@ 10.3 MHz
25
°C
I
7.4
7.1
7.4
Bits
Signal-to-Noise Ratio
3
Analog Input @ 2.3 MHz
25
°C
I
48
45
48
dB
@ 10.3 MHz
25
°C
I
46
44
46
dB
Signal-to-Noise Ratio
3 (Without Harmonics)
Analog Input @ 2.3 MHz
25
°C
I
48
46
48
dB
@ 10.3 MHz
25
°C
I
47
45
47
dB
Second Harmonic Distortion
Analog Input @ 2.3 MHz
25
°C
I
58
48
58
dBc
@ 10.3 MHz
25
°C
I
58
48
58
dBc
Third Harmonic Distortion
Analog Input @ 2.3 MHz
25
°C
I
58
50
58
dBc
@ 10.3 MHz
25
°C
I
58
50
58
dBc
Crosstalk Rejection
4
25
°C
IV
60
48
60
dBc
DIGITAL OUTPUTS
Logic “1” Voltage (IOH = 2 mA)
Full
VI
2.4
2.4
V
Logic “0” Voltage (IOL = 2 mA)
Full
VI
0.4
0.4
V
POWER SUPPLY
5
+VS Supply Current
Full
VI
127
154
127
154
mA
–VS Supply Current
Full
VI
27
38
27
38
mA
Power Dissipation
Full
VI
770
960
770
960
mW
NOTES
1For applications in which +V
S may be applied before –VS, or +VS current is not limited to 500 mA, a reverse-biased clamping diode should be inserted between
ground and –VS to prevent destructive latch up. See section entitled “Using the AD9058.”
2To achieve guaranteed conversion rate, connect each data output to ground through a 2 k
Ω pull-down resistor.
3SNR performance limits for the 48-lead DIP “D” package are 1 dB less than shown. ENOB limits are degraded by 0.3 dB. SNR and ENOB measured with
analog input signal 1 dB below full scale at specified frequency.
4Crosstalk rejection measured with full-scale signals of different frequencies (2.3 MHz and 3.5 MHz) applied to each channel. With both signals synchronously
encoded at 40 MSPS, isolation of the undesired frequency is measured with an FFT.
5Applies to both A/Ss and includes internal ladder dissipation.
Specifications subject to change without notice.
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com