Electronic Components Datasheet Search
  English  ▼

X  

MPQ28261DL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ28261DL
Description  21V, 3A, 500kHz Synchronous Step-Down Coverter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261DL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ28261DL Datasheet HTML 1Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 2Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 3Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 4Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 5Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 6Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 7Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 8Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MPQ28261 – 21V, 3A, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MPQ28261 Rev. 1.12
www.MonolithicPower.com
3
10/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C, unless otherwise noted. Typical value is tested at TJ = +25°C.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Shutdown)
IIN
VEN = 0V
1
μA
Supply Current (Quiescent, Not
Switching)
Iq
VEN = 2V, VFB = 1V
0.45
0.7
0.9
mA
MOSFET
HS Switch On Resistance
(6)
HSRDS-ON
120
mΩ
LS Switch On Resistance
(6)
LSRDS-ON
20
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0.1
1
μA
Current Limit
Current Limit
ILIMIT
D=40%
4.2
5.2
A
Timer
VFB=550mV , TJ= +25°C
425
500
575
kHz
Oscillator Frequency
fSW
VFB=550mV , TJ= -40°C to
+125°C
400
575
kHz
Minimum On Time
(6)
tON-MIN
60
ns
Maximum Duty Cycle
DMAX
VFB = 550mV
89
92
95
%
Reference And Soft Start
TJ= +25°C
597
603
609
mV
Feedback Voltage
VFB
TJ= -40°C to +125°C
594
612
mV
Feedback Current
IFB
VFB = 650mV
10
50
nA
Soft-Start Current
ISS
VSS=0
9
12
15
μA
Enable and UVLO
EN Rising Threshold
VEN_RISING
1.1
1.3
1.4
V
EN Threshold Hysteresis
VEN_HYS
0.4
V
VEN=2V
2
μA
EN Input Current
IEN
VEN=0V
0.1
μA
VIN Under-Voltage Lockout
Threshold Rising
INUVVth
3.8
4.0
4.2
V
VIN Under-Voltage Lockout
Threshold Hysteresis
INUVHYS
880
mV
Power Good
Power-Good Rising Threshold
PGVth-Hi
0.9
VFB
Power-Good Falling Threshold
PGVth-Lo
0.8
VFB
Power-Good Delay
(6)
PGTd
Start Up
0.25
tSS
Power-Good Leakage Current
IPG_LEAK
VPG = 3.3V
200
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com