Electronic Components Datasheet Search
  English  ▼

X  

AD9223ARS Datasheet(PDF) 4 Page - Analog Devices

Part # AD9223ARS
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9223ARS Datasheet(HTML) 4 Page - Analog Devices

  AD9223ARS Datasheet HTML 1Page - Analog Devices AD9223ARS Datasheet HTML 2Page - Analog Devices AD9223ARS Datasheet HTML 3Page - Analog Devices AD9223ARS Datasheet HTML 4Page - Analog Devices AD9223ARS Datasheet HTML 5Page - Analog Devices AD9223ARS Datasheet HTML 6Page - Analog Devices AD9223ARS Datasheet HTML 7Page - Analog Devices AD9223ARS Datasheet HTML 8Page - Analog Devices AD9223ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REV. E
–4–
AD9221/AD9223/AD9220
SWITCHING SPECIFICATIONS (T
MIN to TMAX with AVDD = 5 V, DVDD = 5 V, CL = 20 pF)
Parameter
Symbol
AD9221
AD9223
AD9220
Unit
Clock Period
*
tC
667
333
100
ns min
CLOCK Pulsewidth High
tCH
300
150
45
ns min
CLOCK Pulsewidth Low
tCL
300
150
45
ns min
Output Delay
tOD
888ns min
13
13
13
ns typ
19
19
19
ns max
Pipeline Delay (Latency)
333Clock Cycles
*The clock period may be extended to 1 ms without degradation in specified performance @ 25
°C.
Specifications subject to change without notice.
tCL
tCH
tC
tOD
DATA 1
DATA
OUTPUT
INPUT
CLOCK
ANALOG
INPUT
S1
S2
S3
S4
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
*
With
Respect
Parameter
to
Min
Max
Unit
AVDD
AVSS
–0.3
+6.5
V
DVDD
DVSS
–0.3
+6.5
V
AVSS
DVSS
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
REFCOM
AVSS
–0.3
+0.3
V
CLK
AVSS
–0.3
AVDD + 0.3
V
Digital Outputs
DVSS
–0.3
DVDD + 0.3 V
VINA, VINB
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
SENSE
AVSS
–0.3
AVDD + 0.3
V
CAPB, CAPT
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead SOIC
JA = 71.4
°C/W
JC = 23
°C/W
28-Lead SSOP
JA = 63.3
°C/W
JC = 23
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9221AR
–40
°C to +85°C 28-Lead SOIC
R-28
AD9223AR
–40
°C to +85°C 28-Lead SOIC
R-28
AD9220AR
–40
°C to +85°C 28-Lead SOIC
R-28
AD9221ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD9223ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD9220ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD9221-EB
Evaluation Board
AD9223-EB
Evaluation Board
AD9220-EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9221/AD9223/AD9220 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com