Electronic Components Datasheet Search
  English  ▼

X  

MMBD2004S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MMBD2004S
Description  P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MMBD2004S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MMBD2004S Datasheet HTML 1Page - Bourns Electronic Solutions MMBD2004S Datasheet HTML 2Page - Bourns Electronic Solutions MMBD2004S Datasheet HTML 3Page - Bourns Electronic Solutions MMBD2004S Datasheet HTML 4Page - Bourns Electronic Solutions MMBD2004S Datasheet HTML 5Page - Bourns Electronic Solutions MMBD2004S Datasheet HTML 6Page - Bourns Electronic Solutions MMBD2004S Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
P500-G and P850-G Series Dual TBU® High-Speed Protectors
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Operational Characteristics
P500-G Lightning, 500 V
P850-G Lightning, 850 V
The graphs below demonstrate the operational characteristics of the TBU® device. For each graph the fault voltage, protected side voltage,
and current is presented.
P500-G Power Fault, 120 Vrms, 25 A
P850-G Power Fault, 230 Vrms, 25 A
Pxxx-G
V1
V2
Tip
Ring
TEST CONFIGURATION DIAGRAM
1 µs/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
3
2
1 µs/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
3
2
4 ms/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
2
3
4 ms/div.
Ch1 V1
Ch2 V2
Ch3 Current
1
2
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com