Electronic Components Datasheet Search
  English  ▼

X  

AD9516-5PCBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 9Page - Analog Devices AD9516-5PCBZ Datasheet HTML 10Page - Analog Devices AD9516-5PCBZ Datasheet HTML 11Page - Analog Devices AD9516-5PCBZ Datasheet HTML 12Page - Analog Devices AD9516-5PCBZ Datasheet HTML 13Page - Analog Devices AD9516-5PCBZ Datasheet HTML 14Page - Analog Devices AD9516-5PCBZ Datasheet HTML 15Page - Analog Devices AD9516-5PCBZ Datasheet HTML 16Page - Analog Devices AD9516-5PCBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
AD9516-5
Rev. A | Page 13 of 76
TIMING CHARACTERISTICS
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL
Termination = 50 Ω to VS_LVPECL − 2 V; default amplitude setting
(810 mV)
Output Rise Time, tRP
70
180
ps
20% to 80%, measured differentially
Output Fall Time, tFP
70
180
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tPECL, CLK-TO-LVPECL OUTPUT
High Frequency Clock Distribution Configuration
835
995
1180
ps
See Figure 34
Clock Distribution Configuration
773
933
1090
ps
See Figure 33
Variation with Temperature
0.8
ps/°C
OUTPUT SKEW, LVPECL OUTPUTS1
LVPECL Outputs That Share the Same Divider
5
15
ps
LVPECL Outputs on Different Dividers
13
40
ps
All LVPECL Outputs Across Multiple Parts
220
ps
LVDS
Termination = 100 Ω differential; 3.5 mA setting
Output Rise Time, tRL
170
350
ps
20% to 80%, measured differentially2
Output Fall Time, tFL
160
350
ps
20% to 80%, measured differentially2
PROPAGATION DELAY, tLVDS, CLK-TO-LVDS OUTPUT
Delay off on all outputs
OUT6, OUT7, OUT8, OUT9
For All Divide Values
1.4
1.8
2.1
ns
Variation with Temperature
1.25
ps/°C
OUTPUT SKEW, LVDS OUTPUTS1
Delay off on all outputs
LVDS Outputs That Share the Same Divider
6
62
ps
LVDS Outputs on Different Dividers
25
150
ps
All LVDS Outputs Across Multiple Parts
430
ps
CMOS
Termination = open
Output Rise Time, tRC
495
1000
ps
20% to 80%; CLOAD = 10 pF
Output Fall Time, tFC
475
985
ps
80% to 20%; CLOAD = 10 pF
PROPAGATION DELAY, tCMOS, CLK-TO-CMOS OUTPUT
Fine delay off
For All Divide Values
1.6
2.1
2.6
ns
Variation with Temperature
2.6
ps/°C
OUTPUT SKEW, CMOS OUTPUTS1
Fine delay off
CMOS Outputs That Share the Same Divider
4
66
ps
All CMOS Outputs on Different Dividers
28
180
ps
All CMOS Outputs Across Multiple Parts
675
ps
DELAY ADJUST3
LVDS and CMOS
Shortest Delay Range4
Register 0x0A1 (0x0A4, 0x0A7, 0x0AA), Bits[5:0] = 101111b
Zero Scale
50
315
680
ps
Register 0x0A2 (0x0A5, 0x0A8, 0x0AB), Bits[5:0] = 000000b
Full Scale
540
880
1180
ps
Register 0x0A2 (0x0A5, 0x0A8, 0x0AB), Bits[5:0] = 101111b
Longest Delay Range4
Register 0x0A1 (0x0A4, 0x0A7, 0x0AA) Bits[5:0] = 000000b
Zero Scale
200
570
950
ps
Register 0x0A2 (0x0A5, 0x0A8, 0x0AB), Bits[5:0] = 000000b
Quarter Scale
1.72
2.31
2.89
ns
Register 0x0A2 (0x0A5, 0x0A8, 0x0AB), Bits[5:0] = 001100b
Full Scale
5.7
8.0
10.1
ns
Register 0x0A2 (0x0A5, 0x0A8, 0x0AB), Bits[5:0] = 101111b
Delay Variation with Temperature
Short Delay Range5
Zero Scale
0.23
ps/°C
Full Scale
−0.02
ps/°C
Long Delay Range5
Zero Scale
0.3
ps/°C
Full Scale
0.24
ps/°C
1 This is the difference between any two similar delay paths while operating at the same voltage and temperature.
2 Corresponding CMOS drivers set to OUTxA for noninverting and OUTxB for inverting; x = 6, 7, 8, or 9.
3 The maximum delay that can be used is a little less than one-half the period of the clock. A longer delay disables the output.
4 Incremental delay; does not include propagation delay.
5 All delays between zero scale and full scale can be estimated by linear interpolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com