Electronic Components Datasheet Search
  English  ▼

X  

NB650H Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # NB650H
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB650H Datasheet(HTML) 2 Page - Monolithic Power Systems

  NB650H Datasheet HTML 1Page - Monolithic Power Systems NB650H Datasheet HTML 2Page - Monolithic Power Systems NB650H Datasheet HTML 3Page - Monolithic Power Systems NB650H Datasheet HTML 4Page - Monolithic Power Systems NB650H Datasheet HTML 5Page - Monolithic Power Systems NB650H Datasheet HTML 6Page - Monolithic Power Systems NB650H Datasheet HTML 7Page - Monolithic Power Systems NB650H Datasheet HTML 8Page - Monolithic Power Systems NB650H Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NB650/NB650H – 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.12
www.MonolithicPower.com
2
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
NB650GL*
NB650
NB650HGL**
QFN17 (3 x 4mm)
NB650H
*
For Tape & Reel, add suffix –Z (e.g. NB650GL–Z)
** For Tape & Reel, add suffix –Z (e.g. NB650HGL–Z)
PACKAGE REFERENCE
TOP VIEW
SW
SW
IN
GND
GND
BST
PG
EN
VID1 VID2 VCC
AGND
SS
FREQ
RFB1
FB
RFB2
IN
GND
GND
SW
SW
1
2
34
8
7
6
5
9
10
11
12
13
14
15
16
17
EXPOSED PAD
ON BACKSIDE
QFN17 (3x4mm)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN ....................................... 28V
VSW........................................-0.3V to VIN + 0.3V
VSW..............................-3V to VIN + 3V for <30ns
VBST ...................................................... VSW + 6V
All Other Pins..................................-0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
QFN17 ….………………………
……….2.4W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ........................4.5V to 22.5V
Output Voltage VOUT.........................0.6V to 13V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN17(3 x 4mm) ....................52 .... 11 .. °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com