Electronic Components Datasheet Search
  English  ▼

X  

NB650HGL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # NB650HGL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB650HGL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button NB650HGL Datasheet HTML 7Page - Monolithic Power Systems NB650HGL Datasheet HTML 8Page - Monolithic Power Systems NB650HGL Datasheet HTML 9Page - Monolithic Power Systems NB650HGL Datasheet HTML 10Page - Monolithic Power Systems NB650HGL Datasheet HTML 11Page - Monolithic Power Systems NB650HGL Datasheet HTML 12Page - Monolithic Power Systems NB650HGL Datasheet HTML 13Page - Monolithic Power Systems NB650HGL Datasheet HTML 14Page - Monolithic Power Systems NB650HGL Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NB650/NB650H – 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.12
www.MonolithicPower.com
11
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Figure 7: Simplified Circuit in PWM Mode without
External Ramp Compensation
To realize the stability without the use of an
external ramp, select an ESR value as follows:
SW
ON
ESR
OUT
tt
0.7
2
R
C
+
×π
≥
(4)
Where tSW is the switching period.
Ramp with Small ESR Capacitor
The ESR ripple when using ceramic output
capacitors is not high enough to stabilize the
system and requires an external compensation
ramp. The application section includes a
description
of
designing
with
small
ESR
capacitors.
Figure 8: Simplified Circuit in PWM Mode with
External Ramp Compensation
Figure 7 shows a simplified equivalent circuit in
PWM mode with the HS-FET OFF and an
external ramp compensation circuit (R4, C4). The
external ramp is derived from the inductor ripple
current. If one chooses C4, R9, R1 and R2 to
meet the following condition:
12
9
SW
4
1
2
RR
11
R
2f
C
5
R
R
⎛⎞
×
<×
+
⎜⎟
π×
×
+
⎝⎠
(5)
Where:
R4
C4
FB
C4
II
II
=+≈
(6)
And R2 is the equivalent resistor from FB to GND
that varies with VID input, the ramp on the VFB
can then be estimated as:
IN
O
12
RAMP
ON
44
1
2
9
VV
R// R
Vt
RC
R //R
R
−
=×
×
×+
(7)
Usually R9 is set to 0Ω, then equation 7 can be
simplified as:
4
4 C
R
)
V
V
(
V
ON
O
IN
RAMP
×
τ
×
−
=
(8)
The downward slope of the VFB ripple then
follows
OUT
RAMP
SLOPE1
off
4
4
V
V
V
tR
C
−
−
==
×
(9)
As shown in equation 8, if there is instability in
PWM mode, we can reduce either R4 or C4. If
C4 can not be reduced further due to limitations
from equation 5, then we can only reduce R4.
For a stable PWM operation, the Vslope1 should be
designed as follows.
3
10
SW
ON
ESR
OUT
slope1
OUT
OUT
SW
on
tt
+-R
C
Io
0.7 π
2
-V
V
+
2L C
t
-t
−
×
×
≥
××
(10)
Where IO is the load current.
In skip mode, the downward slope of the VFB
ripple is almost the same with or without the
external ramp. Figure 9 shows the simplified
circuit of the skip mode when both HS-FET and
LS-FET are off.
Figure 9: Simplified Circuit in Skip Mode
The downward slope of the VFB ripple in skip
mode can be determined as:
()
REF
SLOPE2
12
OUT
V
V
(R
R // Ro) C
−
=
+×
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com