Electronic Components Datasheet Search
  English  ▼

X  

AD9860BST Datasheet(PDF) 31 Page - Analog Devices

Part # AD9860BST
Description  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860BST Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9860BST Datasheet HTML 24Page - Analog Devices AD9860BST Datasheet HTML 25Page - Analog Devices AD9860BST Datasheet HTML 26Page - Analog Devices AD9860BST Datasheet HTML 27Page - Analog Devices AD9860BST Datasheet HTML 28Page - Analog Devices AD9860BST Datasheet HTML 29Page - Analog Devices AD9860BST Datasheet HTML 30Page - Analog Devices AD9860BST Datasheet HTML 31Page - Analog Devices AD9860BST Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
REV. 0
AD9860/AD9862
–31–
Conversion is initiated by writing a logic high to one or both of
the Start register bits, Register D34 B0 (StartA) and D34 B3
(StartB). When the conversion is complete, the straight binary,
10-bit output data of the AUX ADC is written to one of four
reserved locations in the register map depending on which auxil-
iary ADC and which multiplexed input is selected. Because the
auxiliary ADCs output 10 bits, two register addresses are needed
for each data location.
Initiating a conversion or retrieving data can also be accomplished
either through the standard Serial Port Interface by reading and
writing to the appropriate registers or through a dedicated
Auxiliary Serial Port Interface (AUX SPI). The AUX SPI can
be configured to allow fast access and control of either one of the
auxiliary ADCs and is available so that the SPI is not tied up
retrieving auxiliary ADC data.
The AUX SPI can be enabled and configured by setting register
AUX ADC CTRL. Setting register use pins high enables the
AUX SPI port. Setting register Sel BnotA low connects auxiliary
ADC A to the AUX SPI port, while setting it high connects
auxiliary ADC B to the AUX SPI port. As mentioned above,
setting the appropriate Select bit selects which of the multiplexed
input is connected to the auxiliary ADC.
The AUX SPI consists of a chip select pin (AUX_SPI_csb),
a clock pin (AUX_SPI_clk), and a data output pin (AUX_SPI_do).
A conversion is initiated by pulsing the AUX_SPI_csb pin low.
When the conversion is complete, the data pin, AUX_SPI_do,
previously a logic low, will go high. At this point, the user supplies
an external clock, previously tied low, no data is present on the
first rising edge. The data output bit is updated on the falling
edge of the clock pulse and is settled and can be latched on the
next clock rising edge. The data arrives serially, MSB first. The
AUX SPI runs up to a rate of 16 MHz.
AUX DAC
The AD9860/AD9862 has three 8-bit voltage output auxiliary
DACs, AUX DACs. The AUX DACs are available for supplying
various control voltages throughout the system such as a VCXO
voltage control or external VGA gain control and can typically
sink or source up to 1 mA.
An internal voltage reference buffer provides a full-scale voltage
reference for both of the AUX DACs equal to the supply voltage
for the AUX DACs. The straight binary input codes are written
to the appropriate registers. If the Slave Mode register bit is
high, slave mode enabled, the AUX DAC(s) update will occur
when the appropriate update register is written to. Otherwise,
the update will occur at the conclusion of the data being written
to the register. Typical maximum settling time for the auxiliary
DAC is around 6
ms.
Other optional controls include an invert register control and a
power down option. The invert register control, i.e., instead of
hexFF being high and hex00 being low, hex00 is high, and hexFF
will be minimum setting.
Sigma-Delta
A 12-bit sigma-delta (SD) output is available to provide an
additional control voltage. The SD control word is written to
Registers D42, 43; SD [11:4] are the 8 MSBs and SD [3:0] are
the 4 LSBs. The 12-bit word is processed by a sigma-delta
modulator and produces 1-bit data at an oversampled rate equal
to 1/8 of the receive ADC’s sampling rate (up to 8 MSPS). The
1-bit data then feeds a 1-bit DAC. The 1-bit DAC exhibits
perfect linearity. An external low-pass filter at the output should
be used to low-pass filter the pulse modulated data to produce a
linear output control voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com