Electronic Components Datasheet Search
  English  ▼

X  

AD22103 Datasheet(PDF) 3 Page - Analog Devices

Part # AD22103
Description  3.3 V Supply, Voltage Output Temperature Sensor with Sighal Conditioning
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22103 Datasheet(HTML) 3 Page - Analog Devices

  AD22103 Datasheet HTML 1Page - Analog Devices AD22103 Datasheet HTML 2Page - Analog Devices AD22103 Datasheet HTML 3Page - Analog Devices AD22103 Datasheet HTML 4Page - Analog Devices AD22103 Datasheet HTML 5Page - Analog Devices AD22103 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AD22103
REV. 0
–3–
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 V
Reversed Continuous Supply Voltage . . . . . . . . . . . . . . . –10 V
Operating Temperature . . . . . . . . . . . . . . . . . . 0
°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +160°C
Output Short Circuit to VS or Ground . . . . . . . . . . . . Indefinite
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; the functional
operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied.
Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Guaranteed
Temperature
Package
Package
Model/Grade
Range
Description
Option
AD22103KT
0
°C to +100°C
TO-92
TO-92
AD22103KR
0
°C to +100°C
SOIC
SO-8
AD22103KChips* +25
°C
N/A
N/A
*Minimum purchase quantities of 100 pieces for all chip orders.
PIN DESCRIPTION
Mnemonic
Function
VS
Power Supply Input
VO
Device Output
GND
Ground Pin Must Be Connected to 0 V
NC
No Connect
PIN CONFIGURATIONS
TO-92
AD22103
BOTTOM VIEW
(Not to Scale)
PIN 1
PIN 2
PIN 3
GND
VO
VS
SOIC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
AD22103
VS
NC
NC
NC
NC
VO
NC
GND
FLOW RATE – CFM
18
2
14
8
6
4
12
10
0
1200
400
800
T (SOIC)
T (TO-92)
Figure 2. Thermal Response vs. Air Flow Rate
(SOIC)
(TO-92)
FLOW RATE – CFM
250
50
200
150
100
0
1200
400
800
Figure 3. Thermal Resistance vs. Air Flow Rate
Typical Performance Curves
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD22103 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com