Electronic Components Datasheet Search
  English  ▼

X  

ADG608 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG608
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG608 Datasheet(HTML) 1 Page - Analog Devices

  ADG608 Datasheet HTML 1Page - Analog Devices ADG608 Datasheet HTML 2Page - Analog Devices ADG608 Datasheet HTML 3Page - Analog Devices ADG608 Datasheet HTML 4Page - Analog Devices ADG608 Datasheet HTML 5Page - Analog Devices ADG608 Datasheet HTML 6Page - Analog Devices ADG608 Datasheet HTML 7Page - Analog Devices ADG608 Datasheet HTML 8Page - Analog Devices ADG608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
3 V/5 V, 4/8 Channel High
Performance Analog Multiplexers
ADG608/ADG609
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The ADG608 and ADG609 are monolithic CMOS analog mul-
tiplexers comprising eight single channels and four differential
channels respectively, fully specified for
±5 V, +5 V and +3 V
power supplies. The ADG608 switches one of eight inputs to a
common output as determined by the 3-bit binary address lines
A0, A1 and A2. The ADG609 switches one of four differential
inputs to a common differential output as determined by the
2-bit binary address lines A0 and A1. An EN input on both de-
vices is used to enable or disable the device. When disabled, all
channels are switched OFF. All the address and enable inputs
are TTL compatible over the full specified operating tempera-
ture range, making the parts suitable for bus-controlled systems
such as data acquisition systems, process controls, avionics and
ATEs since the TTL compatible address inputs simplify the digital
interface design and reduce the board space requirements.
The ADG608/ADG609 are designed on an enhanced LC
2MOS
process that provides low power dissipation yet gives high
switching speed and low on resistance. Each channel conducts
equally well in both directions when ON and has an input signal
range which extends to the supplies. In the OFF condition, sig-
nal levels up to the supplies are blocked. All channels exhibit
break-before-make switching action preventing momentary
shorting when switching channels. Inherent in the design is low
charge injection for minimum transients when switching the
digital inputs.
The ability to operate from single +3 V, +5 V or
±5 V bipolar
supplies makes the ADG608 and ADG609 perfect for use in
battery operated instruments and with the new generation of
DACs and ADCs from Analog Devices. The use of 5 V sup-
plies and reduced operating currents gives much lower power
dissipation than devices operating from
±15 V supplies.
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG608/ADG609 are fabricated on an enhanced
LC
2MOS process giving an increased signal range which
extends to the supplies.
2. Low Power Dissipation
3. Low RON
4. Fast Switching Times
5. Break-Before-Make Switching
Switches are guaranteed break-before-make so that input
signals are protected against momentary shorting.
6. Single/Dual Supply Operation
ORDERING GUIDE
Model
Temperature Range
Package Option*
ADG608BN
– 40
°C to +85°C
N-16
ADG608BR
– 40
°C to +85°C
R-16A
ADG608BRU
– 40
°C to +85°C
RU-16
ADG608TRU
– 55
°C to +125°C
RU-16
ADG609BN
–40
°C to +85°C
N-16
ADG609BR
–40
°C to +85°C
R-16A
ADG609BRU
–40
°C to +85°C
RU-16
*N = Plastic DIP; RU = Thin Shrink Small Outline Package (TSSOP);
R = 0.15" Small Outline IC (SOIC).
FUNCTIONAL BLOCK DIAGRAMS
S1
S8
A0
D
A1 A2 EN
1 OF 8
DECODER
ADG608
S1A
A0
DA
A1
S4A
S1B
S4B
DB
EN
1 OF 4
DECODER
ADG609
FEATURES
+3 V, +5 V,
5 V Power Supplies
VSS to VDD Analog Signal Range
Low On Resistance (30
max)
Fast Switching Times
tON 75 ns max
tOFF 45 ns max
Low Power Dissipation (1.5
W max)
Break-Before-Make Construction
ESD > 5000 V as per Military Standard 3015.7
TTL and CMOS Compatible Inputs
APPLICATIONS
Automatic Test Equipment
Data Acquisition Systems
Communication Systems
Avionics and Military Systems
Microprocessor Controlled Analog Systems
Medical Instrumentation
Battery Powered Instruments
Remote Powered Equipment
Compatible with
5 V DACs and ADCs such as
AD7840/8, AD7870/1/2/4/5/6/8


Similar Part No. - ADG608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608 AD-ADG608 Datasheet
158Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV.A
ADG608 AD-ADG608 Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BN AD-ADG608BN Datasheet
158Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV.A
More results

Similar Description - ADG608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608 AD-ADG608 Datasheet
158Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV.A
ADG608BRUZ AD-ADG608BRUZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com