Electronic Components Datasheet Search
  English  ▼

X  

ADG621 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG621
Description  CMOS 5 V/5 V, 4 Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices ADG621 Datasheet HTML 10Page - Analog Devices ADG621 Datasheet HTML 11Page - Analog Devices ADG621 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
8
7
6
5
4
3
2
1
0
VD, VS (V)
–5
–4
–3
–2
–1
0
1
2
3
5
4
VDD, VSS = ±2.5V
TA = 25°C
VDD, VSS = ±3V
VDD, VSS = ±3.3V
VDD, VSS = ±4.5V
VDD, VSS = ±5V
Figure 5. On Resistance vs. VD, VS (Dual Supply)
VDD = 2.7V
VDD = 3V
VDD = 3.3V
VDD = 4.5V
VDD = 5V
TA = 25°C
VSS = 0V
VD, VS (V)
20
0
16
12
8
4
1
2
3
4
5
0
Figure 6. On Resistance vs. VD, VS (Single Supply)
VD, VS (V)
6
–5
5
4
3
2
1
0
–3
–1
1
5
3
–4
–2
0
2
4
VDD = +5V
VSS = –5V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 7. On Resistance vs. VD, VS for Different Temperatures
(Dual Supply)
VD, VS (V)
0
1
2
3
5
4
10
8
6
4
2
0
9
7
5
3
1
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 5V
VSS = 0V
Figure 8. On Resistance vs. VD, VS for Different Temperature
(Single Supply)
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
0.5
–0.5
0.2
0.4
0.3
0.1
0
–0.1
–0.2
–0.3
–0.4
ID (OFF)
ID, IS (ON)
IS (OFF)
VDD = +5V
VSS = 0V
VD = ±4.5V
VS = ±4.5V
Figure 9. Leakage Current vs. Temperature (Dual Supply)
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
0.5
–0.5
0.2
0.4
0.3
0.1
0
–0.1
–0.2
–0.3
–0.4
ID (OFF)
ID, IS (ON)
IS (OFF)
VDD = 5V
VSS = 0V
VD = 4.5V/1V
VS = 1V/4.5V
Figure 10. Leakage Current vs. Temperature (Single Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com