Electronic Components Datasheet Search
  English  ▼

X  

ADG1208 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1208
Description  Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1208 Datasheet(HTML) 3 Page - Analog Devices

  ADG1208 Datasheet HTML 1Page - Analog Devices ADG1208 Datasheet HTML 2Page - Analog Devices ADG1208 Datasheet HTML 3Page - Analog Devices ADG1208 Datasheet HTML 4Page - Analog Devices ADG1208 Datasheet HTML 5Page - Analog Devices ADG1208 Datasheet HTML 6Page - Analog Devices ADG1208 Datasheet HTML 7Page - Analog Devices ADG1208 Datasheet HTML 8Page - Analog Devices ADG1208 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 3 of 20
SPECIFICATIONS
DUAL SUPPLY
VDD = +15 V ± 10%, VSS = –15 V ± 10%, GND = 0 V, unless otherwise noted.1
Table 1.
Parameter
+25ºC
−40ºC to
+85ºC
−40ºC to
+125ºC
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance, RON
120
Ω typ
VS = ±10 V, IS = −1 mA, see Figure 29
200
240
270
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between Channels, ∆RON
3.5
Ω typ
VS = ±10 V, IS = −1 mA
6
10
12
Ω max
On Resistance Flatness, RFLAT (On)
20
Ω typ
VS = −5 V/0 V/+5 V, IS = −1 mA
64
76
83
Ω max
LEAKAGE CURRENTS
Source Off Leakage, IS (Off )
±0.003
nA typ
VD = ±10 V, VS = −10 V, see Figure 30
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off )
±0.003
nA typ
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 30
ADG1208
±0.1
±0.6
±1
nA max
ADG1209
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (On)
±0.02
nA typ
VS = VD = ±10 V, see Figure 31
ADG1208
±0.2
±0.6
±1
nA max
ADG1209
±0.2
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
±0.005
μA max
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANSITION
80
ns typ
RL = 300 Ω, CL = 35 pF
130
165
185
ns max
VS = 10 V, see Figure 32
tON (EN)
75
ns typ
RL = 300 Ω, CL = 35 pF
95
105
115
ns max
VS = 10 V, see Figure 34
tOFF (EN)
83
ns typ
RL = 300 Ω, CL = 35 pF
100
125
140
ns max
VS = 10 V, see Figure 34
Break-Before-Make Time Delay, tBBM
25
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 10 V, see Figure 33
Charge Injection
0.4
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see Figure 35
Off Isolation
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 36
Channel-to-Channel Crosstalk
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 38
Total Harmonic Distortion + Noise
0.15
% typ
RL = 10 kΩ, 5 V rms, f = 20 Hz to 20 kHz,
see Figure 39
−3 dB Bandwidth
550
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 37
CS (Off )
1
pF typ
f = 1 MHz, VS = 0 V
1.5
pF max
f = 1 MHz, VS = 0 V
CD (Off ) ADG1208
6
pF typ
f = 1 MHz, VS = 0 V
7
pF max
f = 1 MHz, VS = 0 V
CD (Off ) ADG1209
3.5
pF typ
f = 1 MHz, VS = 0 V
4.5
pF max
f = 1 MHz, VS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com