Electronic Components Datasheet Search
  English  ▼

X  

ADG5206 Datasheet(PDF) 21 Page - Analog Devices

Part # ADG5206
Description  High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5206 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADG5206 Datasheet HTML 17Page - Analog Devices ADG5206 Datasheet HTML 18Page - Analog Devices ADG5206 Datasheet HTML 19Page - Analog Devices ADG5206 Datasheet HTML 20Page - Analog Devices ADG5206 Datasheet HTML 21Page - Analog Devices ADG5206 Datasheet HTML 22Page - Analog Devices ADG5206 Datasheet HTML 23Page - Analog Devices ADG5206 Datasheet HTML 24Page - Analog Devices ADG5206 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADG5206/ADG5207
Rev. A | Page 21 of 28
TEST CIRCUITS
Figure 32. On Resistance
Figure 33. Off Leakage
Figure 34. On Leakage
Figure 35. Address to Output Switching Times, tTRANSITION
Figure 36. Enable Delay, tON (EN), tOFF (EN)
IDS
S
D
VS
V
RON = V/IDS
S1
D
A
A
S16
A
ID (OFF)
IS (OFF)
VS
VD
S2
S16
S1
A
D
NC
NC = NO CONNECT
ID (ON)
VD
VD
3V
0V
OUTPUT
tr < 20ns
tf < 20ns
ADDRESS
DRIVE (VIN)
tTRANSITION
tTRANSITION
50%
50%
90%
90%
OUTPUT
ADG5206
1
50Ω
300Ω
GND
S1
S2
S3 TO S16
D
35pF
VIN
3V
EN
VDD
VSS
VDD
VSS
VS
1SIMILAR CONNECTION FOR ADG5207.
A0
A2
A1
A3
0V
OUTPUT
ADG5206
1
A0
A1
A2
50Ω
300Ω
GND
S1
S2 TO S16
D
35pF
VIN
EN
VDD
VSS
VDD
VSS
VS
3V
0V
0V
OUTPUT
50%
50%
tOFF (EN)
tON (EN)
0.9VOUT
0.1VOUT
ENABLE
DRIVE (VIN)
1SIMILAR CONNECTION FOR ADG5207.
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com