Electronic Components Datasheet Search
  English  ▼

X  

ADG5207 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG5207
Description  High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5207 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG5207 Datasheet HTML 12Page - Analog Devices ADG5207 Datasheet HTML 13Page - Analog Devices ADG5207 Datasheet HTML 14Page - Analog Devices ADG5207 Datasheet HTML 15Page - Analog Devices ADG5207 Datasheet HTML 16Page - Analog Devices ADG5207 Datasheet HTML 17Page - Analog Devices ADG5207 Datasheet HTML 18Page - Analog Devices ADG5207 Datasheet HTML 19Page - Analog Devices ADG5207 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADG5206/ADG5207
Data Sheet
Rev. A | Page 16 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. RON as a Function of VS, VD (±20 V Dual Supply)
Figure 8. RON as a Function of VS, VD (±15 V Dual Supply)
Figure 9. RON as a Function of VS, VD (12 V Single Supply)
Figure 10. RON as a Function of VS, VD (36 V Single Supply)
Figure 11. RON as a Function of VS, VD for Different Temperatures,
±15 V Dual Supply
Figure 12. RON as a Function of VS, VD for Different Temperatures,
±20 V Dual Supply
–22.0
5.5
0
–5.5
16.5
–16.5
11.0
–11.0
22.0
VS, VD (V)
60
70
80
90
100
110
120
130
140
±18V
±20V
±22V
TA = 25°C
–17.00
–8.50
–12.75
12.75
–4.25
4.25
0
8.50
17.0
VS, VD (V)
60
70
80
90
100
110
120
130
160
150
140
±13.5V
±15V
±16.5V
TA = 25°C
0
2
4
6
8
10
12
VS, VD (V)
60
110
160
210
260
310
360
10.8V
12V
13.2V
TA = 25°C
VS, VD (V)
60
70
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
35
32.4V
36V
39.6V
TA = 25°C
–15
–10
–5
0
5
10
15
VS, VD (V)
60
200
180
160
140
120
100
80
+125°C
+85°C
+60°C
+25°C
–40°C
VDD = +15V
VSS = –15V
–20
–15
–10
–5
0
5
10
20
15
VS, VD (V)
60
70
80
90
100
110
120
130
140
150
160
+125°C
+85°C
+60°C
+25°C
–40°C
VDD = +20V
VSS = –20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com