Electronic Components Datasheet Search
  English  ▼

X  

ADM693AR Datasheet(PDF) 1 Page - Analog Devices

Part # ADM693AR
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM693AR Datasheet(HTML) 1 Page - Analog Devices

  ADM693AR Datasheet HTML 1Page - Analog Devices ADM693AR Datasheet HTML 2Page - Analog Devices ADM693AR Datasheet HTML 3Page - Analog Devices ADM693AR Datasheet HTML 4Page - Analog Devices ADM693AR Datasheet HTML 5Page - Analog Devices ADM693AR Datasheet HTML 6Page - Analog Devices ADM693AR Datasheet HTML 7Page - Analog Devices ADM693AR Datasheet HTML 8Page - Analog Devices ADM693AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Microprocessor
Supervisory Circuits
ADM690–ADM695
FEATURES
Superior Upgrade for MAX690–MAX695
Specified Over Temperature
Low Power Consumption (5 mW)
Precision Voltage Monitor
Reset Assertion Down to 1 V VCC
Low Switch On-Resistance 1.5
Normal,
20
in Backup
High Current Drive (100 mA)
Watchdog Timer—100 ms, 1.6 s, or Adjustable
600 nA Standby Current
Automatic Battery Backup Power Switching
Extremely Fast Gating of Chip Enable Signals (5 ns)
Voltage Monitor for Power Fail
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Automotive Systems
GENERAL DESCRIPTION
The ADM690–ADM695 family of supervisory circuits offers
complete single chip solutions for power supply monitoring and
battery control functions in microprocessor systems. These
functions include
µP reset, backup battery switchover, watchdog
timer, CMOS RAM write protection, and power failure warn-
ing. The complete family provides a variety of configurations to
satisfy most microprocessor system requirements.
The ADM690, ADM692 and ADM694 are available in 8-pin
DIP packages and provide:
1. Power-on reset output during power-up, power-down and
brownout conditions. The RESET output remains opera-
tional with VCC as low as 1 V.
2. Battery backup switching for CMOS RAM, CMOS
microprocessor or other low power logic.
3. A reset pulse if the optional watchdog timer has not been
toggled within a specified time.
4. A 1.3 V threshold detector for power fail warning, low battery
detection, or to monitor a power supply other than +5 V.
The ADM691, ADM693 and ADM695 are available in 16-pin
DIP and small outline packages and provide three additional
functions.
1. Write protection of CMOS RAM or EEPROM.
2. Adjustable reset and watchdog timeout periods.
3. Separate watchdog timeout, backup battery switchover, and
low VCC status outputs.
The ADM690–ADM695 family is fabricated using an advanced
epitaxial CMOS process combining low power consumption
(5 mW), extremely fast Chip Enable gating (5 ns) and high reli-
ability. RESET assertion is guaranteed with VCC as low as 1 V.
In addition, the power switching circuitry is designed for mini-
mal voltage drop thereby permitting increased output current
drive of up to 100 mA without the need for an external pass
transistor.
FUNCTIONAL BLOCK DIAGRAMS
4.65V1
WATCHDOG
TRANSITION DETECTOR
1.3V
ADM691
ADM693
ADM695
V
OUT
V
BATT
V
CC
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
1VOLTAGE DETECTOR = 4.65V (ADM691, ADM695)
4.40V (ADM693)
POWER FAIL
OUTPUT (PFO)
RESET
WATCHDOG
TIMER
RESET &
WATCHDOG
TIMEBASE
RESET
GENERATOR
BATT ON
OSC IN
OSC SEL
WATCHDOG
OUTPUT (WDO)
RESET
LOW LINE
CE
OUT
CE
IN
4.65V1
RESET
GENERATOR2
WATCHDOG
TRANSITION DETECTOR
(1.6s)
1.3V
ADM690
ADM692
ADM694
V
OUT
V
BATT
V
CC
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
1VOLTAGE DETECTOR = 4.65V (ADM690, ADM694)
4.40V (ADM692)
2RESET PULSE WIDTH = 50ms (ADM690, ADM692)
200ms (ADM694)
POWER FAIL
OUTPUT (PFO)
RESET
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703


Similar Part No. - ADM693AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM693AR AD-ADM693AR Datasheet
284Kb / 16P
Microprocessor Supervisory Circuits
REV.A
ADM693AR AD-ADM693AR Datasheet
199Kb / 16P
Microprocessor Supervisory Circuits
REV.A
ADM693AR AD-ADM693AR Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM693AR AD-ADM693AR Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM693AR AD-ADM693AR Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
More results

Similar Description - ADM693AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com