Electronic Components Datasheet Search
  English  ▼

X  

ADM693AQ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM693AQ
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM693AQ Datasheet(HTML) 3 Page - Analog Devices

  ADM693AQ Datasheet HTML 1Page - Analog Devices ADM693AQ Datasheet HTML 2Page - Analog Devices ADM693AQ Datasheet HTML 3Page - Analog Devices ADM693AQ Datasheet HTML 4Page - Analog Devices ADM693AQ Datasheet HTML 5Page - Analog Devices ADM693AQ Datasheet HTML 6Page - Analog Devices ADM693AQ Datasheet HTML 7Page - Analog Devices ADM693AQ Datasheet HTML 8Page - Analog Devices ADM693AQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
OSCILLATOR
OSC IN Input Current
±2
µA
OSC SEL Input Pull-Up Current
5
µA
OSC IN Frequency Range
0
250
kHz
OSC SEL = 0 V
OSC IN Frequency with External Capacitor
4
kHz
OSC SEL = 0 V, COSC = 47 pF
NOTE
1WDI is a three level input which is internally biased to 38% of V
CC and has an input impedance of approximately 125 k
Ω.
Specifications subject to change without notice.
ADM690–ADM695
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . . –0.3 V to VOUT + 0.5 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA
VBATT
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation, N-8 DIP . . . . . . . . . . . . . . . . . . . . 400 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 120
°C/W
Power Dissipation, Q-8 DIP . . . . . . . . . . . . . . . . . . . . 500 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 125
°C/W
Power Dissipation, N-16 DIP . . . . . . . . . . . . . . . . . . . 600 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 135
°C/W
Power Dissipation, Q-16 DIP . . . . . . . . . . . . . . . . . . . 600 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 100
°C/W
Power Dissipation, R-16 SOIC . . . . . . . . . . . . . . . . . . 600 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 110
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300
°C
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods of time may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM690AN
–40
°C to +85°C
N-8
ADM690AQ
–40
°C to +85°C
Q-8
ADM690SQ
–55
°C to +125°C
Q-8
ADM691AN
–40
°C to +85°C
N-16
ADM691AR
–40
°C to +85°C
R-16
ADM691AQ
–40
°C to +85°C
Q-16
ADM691SQ
–55
°C to +125°C
Q-16
ADM692AN
–40
°C to +85°C
N-8
ADM692AQ
–40
°C to +85°C
Q-8
ADM692SQ
–55
°C to +125°C
Q-8
ADM693AN
–40
°C to +85°C
N-16
ADM693AR
–40
°C to +85°C
R-16
ADM693AQ
–40
°C to +85°C
Q-16
ADM693SQ
–55
°C to +125°C
Q-16
ADM694AN
–40
°C to +85°C
N-8
ADM694AQ
–40
°C to +85°C
Q-8
ADM694SQ
–55
°C to +125°C
Q-8
ADM695AN
–40
°C to +85°C
N-16
ADM695AR
–40
°C to +85°C
R-16
ADM695AQ
–40
°C to +85°C
Q-16
ADM695SQ
–55
°C to +125°C
Q-16
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADM690–ADM695 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com