Electronic Components Datasheet Search
  English  ▼

X  

16-40441 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 16-40441
Description  LICON. SNAP ACTION SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16-40441 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 16-40441 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16-40441 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16-40441 Datasheet HTML 11Page - List of Unclassifed Manufacturers 16-40441 Datasheet HTML 12Page - List of Unclassifed Manufacturers 16-40441 Datasheet HTML 13Page - List of Unclassifed Manufacturers 16-40441 Datasheet HTML 14Page - List of Unclassifed Manufacturers 16-40441 Datasheet HTML 15Page - List of Unclassifed Manufacturers 16-40441 Datasheet HTML 16Page - List of Unclassifed Manufacturers 16-40441 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Contact an Authorized Distributor or Factory for Pricing
56
www.itwswitches.com
APPLICATIONS
• Industrial equipment
• Battery chargers for
cordless tools
• Medical equipment
• Welding guns
5-AMP SUB-MINIATURE SWITCHES
This fully sealed snap action switch series is
ideal for applications in harsh environments
where ingress of water and dust must be
prevented.
KEY FEATURES:
• Insert molded terminals—
fully sealed base
• Meets IP67
• BEAB and ENEC approvals
• SPDT (Form C) circuitry
• Choice of actuator
• Silver or gold contacts
• Non-flammable switch
UL94-V0 rated materials
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC


V
DE

IEC
IP67
COMPLIANT
®
SNAP ACTION SWITCHES
ORDERING INFORMATION:
Part Number
Contacts
Actuator Style* Terminal Style
Sealed
RoHS Compliant
IP67 Compliant
19N402
Silver
Plunger
Solder
Yes

19N402L18
Silver
Leaf lever
Solder
Yes

19N402R15
Silver
Roller lever
Solder
Yes

19N403
Silver
Plunger
Solder
No

—
19N412
Gold
Plunger
Solder
Yes

19N502
Silver
Plunger
P.C.
Yes

19N503
Silver
Plunger
P.C.
No

—
19N512
Gold
Plunger
P.C.
Yes

19N602
Silver
Plunger
Q.C.
Yes

19N603
Silver
Plunger
Q.C.
No

—
19N702
Silver
Plunger
Wire Leads
Yes

19N712
Gold
Plunger
Wire Leads
Yes

19N703
Silver
Plunger
Wire Leads
No

—
19N713
Silver
Plunger
Wire Leads
No

—
19N920
Gold
Plunger
P.C. Right Angle (L)
Yes
—

19N922
Gold
Lever
P.C. Right Angle (R)
Yes
—

*Note: Lever and roller lever actuator are available as options on most switches. Consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com