Electronic Components Datasheet Search
  English  ▼

X  

76-1210 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 76-1210
Description  LICON. SNAP ACTION SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

76-1210 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 76-1210 Datasheet HTML 17Page - List of Unclassifed Manufacturers 76-1210 Datasheet HTML 18Page - List of Unclassifed Manufacturers 76-1210 Datasheet HTML 19Page - List of Unclassifed Manufacturers 76-1210 Datasheet HTML 20Page - List of Unclassifed Manufacturers 76-1210 Datasheet HTML 21Page - List of Unclassifed Manufacturers 76-1210 Datasheet HTML 22Page - List of Unclassifed Manufacturers 76-1210 Datasheet HTML 23Page - List of Unclassifed Manufacturers 76-1210 Datasheet HTML 24Page - List of Unclassifed Manufacturers 76-1210 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Contact an Authorized Distributor or Factory for Pricing
64
www.itwswitches.com
APPLICATIONS
• Aircraft valves
• Wheelchair lifts
• Machine tools
• Missiles and missile launchers
• Heavy industrial equipment
SEALED 10 AMP SUB-MINIATURE SWITCHES
These rugged metal enclosed sealed switches
use the Butterfly® switch mechanism providing
long-life, durability and reliability. These switches
are ideal for demanding military and industrial
applications.
KEY FEATURES:
• Meets the (watertight)
requirements per MIL-PRF-8805
enclosure design symbol 3
• Gold contacts
• Variety of actuators available
• Solder terminals standard or wire
leads available
• Temperature rating:
-55°C to +85°C (-65°F to +185°F
• MIL-PRF-8805 QPL listed switches
available
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC

V
D E
IEC
IP67
COMPLIANT
®
SNAP ACTION SWITCHES
ORDERING INFORMATION:
Part Number
Actuator
P.T.
O.T.
O.F.
R.F.
M.D.
65-201000
Pin plunger
.050 max
.012 min
24 ± 8 oz
8 oz min
.010-.030
65-301000
Roller lever
.115 max
.025 min
16 oz max
5 oz min
.058 max
65-401000
Over travel
.070 max
.187 min
36 oz max
8 oz min
.010-.030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com