Electronic Components Datasheet Search
  English  ▼

X  

80BK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 80BK
Description  Temperature Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

80BK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  80BK Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50
Temperature Accessories
80PK-1 and 80PJ-1 Bead Probe
●
80PK-1 : Type-K thermocouple for
general purpose applications
●
80PJ-1 operates with J-
type thermometers
●
Measurement range:
-40 to 260°C
80PK-3A Surface Probe
●
Type-K thermocouple for flat or
curved surfaces such as
plates and rollers
●
Measurement range:
0 to 260°C
80PK-8 Pipe Clamp
Temperature Probe
●
Type-K thermocouple for
fast temperature and
superheat measurements of
pipe surfaces
●
Durable ribbon sensor
●
Measurement range: -29 to
149°C for pipe diameters from 6.4 to 34.9mm
80PK-9 and 80PJ-9 General
Purpose Probe
●
80PK-9: Type-K thermocouple surface,
air and non-caustic gases
●
80PJ-9 operates with J-type
thermometers
●
Measurement range:
-40°C to 260°C
80AK Thermocouple Adapter
●
Adapts Type-K thermocouple
mini-connector to dual
banana plug inputs
●
Measurement range and
accuracy: probe dependent
●
Suitable for low voltage applications
(below 30 V AC, 60 V DC)
80BK Integrated DMM Probe
●
Type-K thermocouple with standard
banana jack
●
Convenient one piece
construction
●
Compatible with DMMs
with temperature
measurement functions
●
Measurement range:
-40 to 260ºC
80TK Thermocouple Module
●
Converts a DMM to a thermometer
●
For use with type-K
thermocouples in low
voltage applications
(below 24 V AC, 60 V DC)
●
Measurement range:
-50 to 1000°C
(probe dependent)
80T-150U Universal Temperature
Probe
●
Compatible with Fluke DMM
●
High accuracy, fast reading for low voltage
(below 24 V AC, 60 V DC)
applications
●
Measurement range:
-50 to 150°C
●
Output: 1 mV/°C or
1 mV/°F (switchable)
80PK-22 SureGrip™
Immersion Probe
●
Type-K thermocouple for
use in liquids and gels
●
Measurement range:
-40 to 1090°C
80PK-24 SureGrip™
Air Probe
●
Type-K thermocouple for use in air and
non-caustic gas measurements
●
Bead protected by
perforated baffle
●
Measurement range:
-40 to 816ºC
80PK-25 and 80PT-25 SureGrip™
Piercing Probe
●
80PK-25: Type-K thermocouple suitable for
food industry, liquids and gels
●
80PT-25 operates with T-type
thermometers
●
Measurement range:
80PK-25: -40 to
350°C
80PT-25: -196 to
350°C
80PK-26 SureGrip™ General
Purpose Probe
●
Type-K thermocouple with
tapered tip for use in air,
non-caustic gas and
surface
applications
●
Measurement range:
-40 to 816ºC
80PK-27 SureGrip™ Industrial
Surface Probe
●
Type-K thermocouple for surfaces in rugged
environment
●
Durable ribbon sensor
●
Measurement range: -
127 to 600°C
Contact Probes
DMM Probes
All accessories have a one year warranty
SureGrip™ accessories are designed
to improve steadiness in slippery
hands. Rubber overmolded surfaces
and finger-hugging curves give the
user a comfortable, reliable grip on
the accessory so they can focus on
making an accurate measurement.
New
New
New
New
New


Similar Part No. - 80BK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
80B150L ETC1-80B150L Datasheet
63Kb / 1P
80BL
80B230L ETC1-80B230L Datasheet
63Kb / 1P
80BL
80B250L ETC1-80B250L Datasheet
63Kb / 1P
80BL
80B300L ETC1-80B300L Datasheet
63Kb / 1P
80BL
80B350L ETC1-80B350L Datasheet
63Kb / 1P
80BL
More results

Similar Description - 80BK

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
TDK Electronics
B65840H1106T001 TDK-B65840H1106T001 Datasheet
269Kb / 5P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com