Electronic Components Datasheet Search
  English  ▼

X  

AM29F400AB Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29F400AB
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AB Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29F400AB Datasheet HTML 16Page - Advanced Micro Devices AM29F400AB Datasheet HTML 17Page - Advanced Micro Devices AM29F400AB Datasheet HTML 18Page - Advanced Micro Devices AM29F400AB Datasheet HTML 19Page - Advanced Micro Devices AM29F400AB Datasheet HTML 20Page - Advanced Micro Devices AM29F400AB Datasheet HTML 21Page - Advanced Micro Devices AM29F400AB Datasheet HTML 22Page - Advanced Micro Devices AM29F400AB Datasheet HTML 23Page - Advanced Micro Devices AM29F400AB Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
Am29F400AT/Am29F400AB
PRELIMINARY
Figure 4.
Toggle Bit Algorithm
Figure 5.
Maximum Negative Overshoot Waveform
Figure 6.
Maximum Positive Overshoot Waveform
Start
Fail
No
DQ6=Toggle
?
No
Pass
Yes
No
Yes
Note:
DQ6 is rechecked even if DQ5 = “1” because DQ6 may stop toggling at the same time as DQ5 changing to “1”.
DQ6=Toggle
?
DQ5=1
?
Yes
Read Byte
(DQ0–DQ7)
Addr=Don’t Care
Read Byte
(DQ0–DQ7)
Addr=Don’t Care
20380B-11
20 ns
20 ns
+0.8 V
-0.5 V
20 ns
-2.0 V
20380B-12
20 ns
VCC + 0.5 V
2.0 V
20 ns
20 ns
VCC + 2.0 V
20380B-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com