Electronic Components Datasheet Search
  English  ▼

X  

AM29F800B-1 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29F800B-1
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-1 Datasheet(HTML) 9 Page - Advanced Micro Devices

  AM29F800B-1 Datasheet HTML 1Page - Advanced Micro Devices AM29F800B-1 Datasheet HTML 2Page - Advanced Micro Devices AM29F800B-1 Datasheet HTML 3Page - Advanced Micro Devices AM29F800B-1 Datasheet HTML 4Page - Advanced Micro Devices AM29F800B-1 Datasheet HTML 5Page - Advanced Micro Devices AM29F800B-1 Datasheet HTML 6Page - Advanced Micro Devices AM29F800B-1 Datasheet HTML 7Page - Advanced Micro Devices AM29F800B-1 Datasheet HTML 8Page - Advanced Micro Devices AM29F800B-1 Datasheet HTML 9Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
5/4/98
Am29F800B Known Good Die
9
SU PP L E ME NT
REVISION SUMMARY FOR AM29F800B KGD
Revision A+1, A+2
Distinctive Characteristics
Changed typical program/erase time to 30 mA to match
the CMOS DC Characteristics table in the Am29F400B
full data sheet.
The minimum guarante per sector is now 1 million
cycles.
Pad Description
Corrected the following dimensions:
X (mils): pads 15, 18, 36
Y (mils): pads 10–12, 35, 36
X (mm): pads 2–22, 37, 38
Y (mm): pads 10–12, 23–32, 35, 36
Physical Specifications
Changed die thickness specification to ~20 mils.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com