Electronic Components Datasheet Search
  English  ▼

X  

AM29LV002 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29LV002
Description  2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV002 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29LV002 Datasheet HTML 1Page - Advanced Micro Devices AM29LV002 Datasheet HTML 2Page - Advanced Micro Devices AM29LV002 Datasheet HTML 3Page - Advanced Micro Devices AM29LV002 Datasheet HTML 4Page - Advanced Micro Devices AM29LV002 Datasheet HTML 5Page - Advanced Micro Devices AM29LV002 Datasheet HTML 6Page - Advanced Micro Devices AM29LV002 Datasheet HTML 7Page - Advanced Micro Devices AM29LV002 Datasheet HTML 8Page - Advanced Micro Devices AM29LV002 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Am29LV002
3
PR EL I M I NAR Y
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Family Part Number
Am29LV002
Ordering Part Number:
VCC = 3.0–3.6 V (regulated voltage range)
-90R
VCC = 2.7–3.6 V (full voltage range)
-100
-120
-150
Max access time (ns)
90
100
120
150
CE# access time (ns)
90
100
120
150
OE# access time (ns)
40
40
50
55
21191C-1
Erase Voltage
Generator
Input/Output
Buffers
Data Latch
Y-Gating
Cell Matrix
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
WE#
CE
OE
A0–A17
STB
STB
DQ0–DQ7
RY/BY#
RESET#
VCC
VSS
Sector
Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com