Electronic Components Datasheet Search
  English  ▼

X  

CA50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CA50
Description  5150-5900 MHz Ceramic Chip Monopole Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CA50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CA50 Datasheet HTML 1Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 2Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-12-8-109/A/SS
Page 2 of 18
1.Introduction
Taoglas´ 5150-5900 MHz ceramic chip antenna is specifically designed for
Wi-Fi/ WHDMI/ High Bandwidth 5GHz band applications. It is a high efficiency
miniature SMD edge mounted ceramic monopole antenna with small footprint
requirement. This ceramic chip antenna uses the main PCB as its ground plane,
thereby increasing antenna efficiency. It is tuned for different PCB sizes by
simply changing the value of the matching circuit. CA.50 antenna electrical
properties are symmetrical therefore the antenna can be soldered to the board
from either side. At 3.2mm*1.6mm*0.5mm, it is one of the smallest antennas
available worldwide. This antenna is delivered on tape and reel.
Applications
IEEE802.11a (5150-5900 MHz)
WHDMI PCMCIA cards, USB dongles, High Bandwidth Video Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com