Electronic Components Datasheet Search
  English  ▼

X  

AM29LV008B Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV008B
Description  8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008B Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV008B Datasheet HTML 5Page - Advanced Micro Devices AM29LV008B Datasheet HTML 6Page - Advanced Micro Devices AM29LV008B Datasheet HTML 7Page - Advanced Micro Devices AM29LV008B Datasheet HTML 8Page - Advanced Micro Devices AM29LV008B Datasheet HTML 9Page - Advanced Micro Devices AM29LV008B Datasheet HTML 10Page - Advanced Micro Devices AM29LV008B Datasheet HTML 11Page - Advanced Micro Devices AM29LV008B Datasheet HTML 12Page - Advanced Micro Devices AM29LV008B Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Am29LV008B
9
P R E L I M I NARY
Table 2.
Am29LV008BT Top Boot Block Sector Address Table
Table 3.
Am29LV008BB Bottom Boot Block Sector Address Table
Sector
A19
A18
A17
A16
A15
A14
A13
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0000
X
X
X
64
00000h–0FFFFh
SA1
0001
X
X
X
64
10000h–1FFFFh
SA2
0010
X
X
X
64
20000h–2FFFFh
SA3
0011
X
X
X
64
30000h–3FFFFh
SA4
0100
X
X
X
64
40000h–4FFFFh
SA5
0101
X
X
X
64
50000h–5FFFFh
SA6
0110
X
X
X
64
60000h–6FFFFh
SA7
0111
X
X
X
64
70000h–7FFFFh
SA8
1000
X
X
X
64
80000h–8FFFFh
SA9
1001
X
X
X
64
90000h–9FFFFh
SA10
1010
X
X
X
64
A0000h–AFFFFh
SA11
1011
X
X
X
64
B0000h–BFFFFh
SA12
1100
X
X
X
64
C0000h–CFFFFh
SA13
1101
X
X
X
64
D0000h–DFFFFh
SA14
1110
X
X
X
64
E0000h–EFFFFh
SA15
1111
0
X
X
32
F0000h–F7FFFh
SA16
1111
100
8
F8000h–F9FFFh
SA17
1111
101
8
FA000h–FBFFFh
SA18
1111
11
X
16
FC000h–FFFFFh
Sector
A19
A18
A17
A16
A15
A14
A13
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0000
00
X
16
00000h-03FFFh
SA1
0000
010
8
04000h-05FFFh
SA2
0000
011
8
06000h-07FFFh
SA3
0000
1
X
X
32
08000h-0FFFFh
SA4
0001
X
X
X
64
10000h-1FFFFh
SA5
0010
X
X
X
64
20000h-2FFFFh
SA6
0011
X
X
X
64
30000h-3FFFFh
SA7
0100
X
X
X
64
40000h-4FFFFh
SA8
0101
X
X
X
64
50000h-5FFFFh
SA9
0110
X
X
X
64
60000h-6FFFFh
SA10
0111
X
X
X
64
70000h-7FFFFh
SA11
1000
X
X
X
64
80000h-8FFFFh
SA12
1001
X
X
X
64
90000h-9FFFFh
SA13
1010
X
X
X
64
A0000h-AFFFFh
SA14
1011
X
X
X
64
B0000h-BFFFFh
SA15
1100
X
X
X
64
C0000h-CFFFFh
SA16
1101
X
X
X
64
D0000h-DFFFFh
SA17
1110
X
X
X
64
E0000h-EFFFFh
SA18
1111
X
X
X
64
F0000h-FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com