Electronic Components Datasheet Search
  English  ▼

X  

CAB953 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CAB953
Description  Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 5000mm(16.4) ULC-200 to SMA(M)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CAB953 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CAB953 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB953 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB953 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB953 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB953 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPE-13-8-057/A/WY |
page 4 of 5
3. Technical Drawing
3.1 CAB.953
Name
Material
Finish
QTY
1
N Type(F)ST
Brass
Ni Plated
1
2
Heat Shrink Tube
PE
Black
2
3
ULC200
PVC
Black
1
4
SMA(M)ST Connector
Brass
Gold
1
5
SMA Washer
Brass
Ni Plated
1
6
SMA Nut
Brass
Ni Plated
1
7
O-Ring
Brass
Black
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com