Electronic Components Datasheet Search
  English  ▼

X  

AM29LV010B Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29LV010B
Description  1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV010B Datasheet(HTML) 6 Page - Advanced Micro Devices

  AM29LV010B Datasheet HTML 1Page - Advanced Micro Devices AM29LV010B Datasheet HTML 2Page - Advanced Micro Devices AM29LV010B Datasheet HTML 3Page - Advanced Micro Devices AM29LV010B Datasheet HTML 4Page - Advanced Micro Devices AM29LV010B Datasheet HTML 5Page - Advanced Micro Devices AM29LV010B Datasheet HTML 6Page - Advanced Micro Devices AM29LV010B Datasheet HTML 7Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Am29LV010B
6
AD VAN C E I N F O RM AT I O N
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am29LV010B
1 Megabit (128 K x 8-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
C
E
-45R
Am29LV010B
T
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-in
(Contact an AMD representative for more information)
TEMPERATURE RANGE
C= Commercial (0°C to +70°C)
I = Industrial (–40°C to +85°C)
E = Extended (–55°C to +125°C)
PACKAGE TYPE
E
=
32-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 032)
F
=
32-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR032)
J
=
32-Pin Rectangular Plastic Leaded Chip
Carrier (PL 032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T = Top Sector
B = Bottom Sector
Valid Combinations
Am29LV010B-45R
EC, FC, JC
Am29LV010B-55
EC, EI, EE,
FC, FI, FE,
JC, JI, JE
Am29LV010B-70
Am29LV010B-120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com