Electronic Components Datasheet Search
  English  ▼

X  

AM29LV020B Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29LV020B
Description  2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV020B Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29LV020B Datasheet HTML 1Page - Advanced Micro Devices AM29LV020B Datasheet HTML 2Page - Advanced Micro Devices AM29LV020B Datasheet HTML 3Page - Advanced Micro Devices AM29LV020B Datasheet HTML 4Page - Advanced Micro Devices AM29LV020B Datasheet HTML 5Page - Advanced Micro Devices AM29LV020B Datasheet HTML 6Page - Advanced Micro Devices AM29LV020B Datasheet HTML 7Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2/9/98
Am29LV020B
5
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAMS
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A11
A9
A8
A13
A14
A17
WE#
VCC
NC
A16
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32-pin Standard TSOP
21351A-3
32-Pin Reverse TSOP
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A11
A4
A9
A8
A13
A14
A17
WE#
VCC
NC
A16
A15
A12
A7
A6
A5
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
OE#
A3
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com