Electronic Components Datasheet Search
  English  ▼

X  

1622 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1622
Description  1622 CWDM DFB Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622 Datasheet(HTML) 2 Page - Emcore Corporation

  1622 Datasheet HTML 1Page - Emcore Corporation 1622 Datasheet HTML 2Page - Emcore Corporation 1622 Datasheet HTML 3Page - Emcore Corporation 1622 Datasheet HTML 4Page - Emcore Corporation 1622 Datasheet HTML 5Page - Emcore Corporation 1622 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATASHEET | APRIL 2013
FIBER OPTICS
| REV 2013.04
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Condition
Min
Max
Unit
Operating Temperature Range
Tc
Continuous
-40
+85
°C
Storage Temperature Range
TSTG
-
-40
+85
°C
Laser Forward dc Current
-
-
-
150
mA
Photodiode Reverse Voltage
VRPD
-
-
10
V
Laser Reverse Voltage, dc
-
-
-
1
V
ESD
-
HBM: R = 1500 Ohm, C = 100pF
-500
500
V
TEC Current
ITEC
Continuous
-1.9
1.9
A
Electrical/Optical Characteristics
Laser Temperature (TL) = 25
oC, I
F=IOP, Beginning of Life (BOL)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Wavelength
1290 nm option
1310 nm option
1330 nm option
1351 nm option
1371 nm option
1287
1307
1327
1347
1367
1291
1311
1331
1351
1371
1295
1315
1335
1355
1375
nm
Optical Output Power
-
-04 version
-06 version
-08 version
-10 version
-13 version
-16 version
-20 version
4
6
8
10
13
16
20
-
-
-
-
-
-
-
-
-
-
-
-
-
-
mW
Optical Isolation
ISO
-
30
-
-
dB
Side-Mode Suppression Ration
SMSR
-
35
-
-
dB
Threshold Current
ITH
-
-
-
20
mA
Operating Current
IOP
Varies with power option
-
-
120
mA
Monitor PD Responsivity
rPD
VRM=5V
10
-
200
μA/mW
Slope Efficiency
n
Points measured @
IF = ITH + 20 and ITH +60
0.084
-
-
mW/mA
Thermistor Resistance
RTH
TOP=25°C
9.5
10
10.5
KOhm
Thermistor Temp. Coefficient
TCTH
TOP=25 C
-
-4.4
-
%/
C
TEC Current
ITEC
-40<TC<+85
oC, IF = 100 mA
-1.5
-
16
A
Fiber Length
-
May include splice
1.0
1.5
-
M
Fiber Buffer
-
-
-
900
-
m
Fiber Core/Cladding
-
-
-
9/125
-
m
1622 CWDM DFB Laser Module



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com