Electronic Components Datasheet Search
  English  ▼

X  

1542CSMSA Datasheet(PDF) 2 Page - Emcore Corporation

Part # 1542CSMSA
Description  Microwave DFB Laser Microwave DFB Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1542CSMSA Datasheet(HTML) 2 Page - Emcore Corporation

  1542CSMSA Datasheet HTML 1Page - Emcore Corporation 1542CSMSA Datasheet HTML 2Page - Emcore Corporation 1542CSMSA Datasheet HTML 3Page - Emcore Corporation 1542CSMSA Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE
DATASHEET | AUGUST 2013
© 2013 EMCORE Corporation
| REV 2013.08
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in
the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Condition
Min
Max
Unit
Operating Temperature Range of Baseplate
T
OP
Continuous
-40
+65
˚C
Storage Temperature
T
STG
-
-40
+85
˚C
RF Input Power
P
IN
60 Seconds
-
+20
dBm
Laser Forward dc Current
-
-
25
120
mA
Photodiode Reverse Voltage
V
RPD
-
200
10
V
Laser Reverse Voltage
-
-
-
1
V
ESD
-
HMB: R = 1500 Ohm, C = 100 pF
-500
500
V
TEC Current
I
TEC
Continuous
-1.9
1.9
A
Electrical Characteristics
Parameter
Specifications
Unit
Wavelength
1310 to + 30
nm
Spectral Width, FWHM2, Typ., Max
10
MHz
Optical Power, Typical @ ITH +55 mA
8 (min)
dBm
Optical Power Stability vs. Temperature
+ 15
%
DC Modulations Gain, Typical
0.24
-
1. Specifications guaranteed when unit is connected to an optical path with return loss >35 dB.
2. No RF Input.
DC
Parameter
Symbol
Condition
Min
Max
Units
Laser Bias
I
OP
25°C
-
65
mA
Threshold Current
I
TH
25°C
-
26
mA
Forward Voltage
V
F
I
OP = ITH + 50 mA
-
6
V
Thermo Electric Cooler
I
TEC
-
-1.1
-
A
Thermistor
R
TH
25°C
9.5
10
k
Ω
Thermistor Temperature Coefficient
TE
TH
25°C
-
4.4
% / °C
Pin
Description
A
Thermistor
B
TEC (-)
C
Thermistor
D
TEC (+)
E
Laser Bias
F
Ground
G
Monitor Photodiode
Seven-Pin Miniature Rectangular Connector
1542 22 GHz 1310 nm
Microwave DFB Laser



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com