Electronic Components Datasheet Search
  English  ▼

X  

AM29LV081 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV081
Description  8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV081 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV081 Datasheet HTML 5Page - Advanced Micro Devices AM29LV081 Datasheet HTML 6Page - Advanced Micro Devices AM29LV081 Datasheet HTML 7Page - Advanced Micro Devices AM29LV081 Datasheet HTML 8Page - Advanced Micro Devices AM29LV081 Datasheet HTML 9Page - Advanced Micro Devices AM29LV081 Datasheet HTML 10Page - Advanced Micro Devices AM29LV081 Datasheet HTML 11Page - Advanced Micro Devices AM29LV081 Datasheet HTML 12Page - Advanced Micro Devices AM29LV081 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Am29LV081
9
P R E L I M I NARY
Table 2.
Am29LV081 Sector Address Table
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin A9.
Address pins A6, A1, and A0 must be as shown in Table
3. In addition, when verifying sector protection, the sec-
tor address must appear on the appropriate highest
order address bits (see Table 2). Table 3 shows the re-
maining address bits that are don’t care. When all nec-
essary bits have been set as required, the programming
equipment may then read the corresponding identifier
code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 4. This method
does not require VID. See “Command Definitions” for
details on using the autoselect mode.
Table 3.
Am29LV081 Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
A19
A18
A17
A16
A15
A14
A13
Sector Size
Address Range
SA0
0000
X
X
X
64 Kbytes
00000h-0FFFFh
SA1
0001
X
X
X
64 Kbytes
10000h-1FFFFh
SA2
0010
X
X
X
64 Kbytes
20000h-2FFFFh
SA3
0011
X
X
X
64 Kbytes
30000h-3FFFFh
SA4
0100
X
X
X
64 Kbytes
40000h-4FFFFh
SA5
0101
X
X
X
64 Kbytes
50000h-5FFFFh
SA6
0110
X
X
X
64 Kbytes
60000h-6FFFFh
SA7
0111
X
X
X
64 Kbytes
70000h-7FFFFh
SA8
1000
X
X
X
64 Kbytes
80000h-8FFFFh
SA9
1001
X
X
X
64 Kbytes
90000h-9FFFFh
SA10
1010
X
X
X
64 Kbytes
A0000h-AFFFFh
SA11
1011
X
X
X
64 Kbytes
B0000h-BFFFFh
SA12
1100
X
X
X
64 Kbytes
C0000h-CFFFFh
SA13
1101
X
X
X
64 Kbytes
D0000h-DFFFFh
SA14
1110
X
X
X
64 Kbytes
E0000h-EFFFFh
SA15
1111
X
X
X
64 Kbytes
F0000h-FFFFFh
Description
CE#
OE#
WE#
A19
to
A13
A12
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
XL
XL
L
01h
Device ID: Am29LV081
L
L
H
X
X
VID
XL
XL
H
38h
Sector Protection Verification
L
L
H
SA
X
VID
XL
X
H
L
01h
(protected)
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com